Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 178 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 178 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 174Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 175Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 176Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 177Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 178Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 179Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 180Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 181Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 182Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
LCD CONTROLLER
Preliminary
14-10
Example
TFT LCD(RGB565), LCLK = 80MHz and Refresh rate = 60Hz,
PXDW* = 0x4, YUV* = 0, BPP* = 0x4, DP* = 0, NI* = 1
TV* = 0, TFT* = 1, STN* = 0
LSWC* = LEWC* = LPW* = 3 (TFT LCD dependent)
FSWC* = FEWC* = FPW* = 1 (TFT LCD dependent)
Width
(pixel)
Height
(pixel)
LPC*
FLC*
DHSIZE* DVSIZE*
F**
PXCLK_REQ
CLKDIV* fPXCLK
***
176
220
175
219
176
220
2.55
15
2.67
240
320
239
319
240
320
4.93
8
5
640
480
639
479
640
480
19.01
2
20
.*) control registers to be programmed. **) Refer to expression (4). ***) Refer to expression (3).
Figure 14.11 TFT LCD(RGB565) example
FLC+1
VSYNC
HSYNC
PXDATA
LPW+1
LPC +1
HSYNC
PXCLK
PXDATA
FPW+1
FSWC+1
FEWC+1
ACBIAS
line 0
line 2
......
line n-1
line n
ACBIAS
LSWC+1
LSWC+1
line 0
Figure 14.12 TFT mode timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com