Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 174 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 174 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 170Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 171Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 172Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 173Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 174Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 175Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 176Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 177Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 178Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
LCD CONTROLLER
Preliminary
14-6
pre-dithered pattern values for each duty cycle ratio. Bits per pixel of image determines
pre-dithered value.
If BPP is 4 or 16, pre-dithered value is non-palettized value, which is pixel data in the
frame memory. If BPP is 2, a nibble of LUTBL that is indexed by 2-bit pixel data is pre-
dithered value. If BPP is 8, each nibble of LUTRD, LUTGR, and LUTBL that is indexed
by pixel data, which consist of 3-bit R, 3-bit G, and 2-bit B, is pre-dithered value. Figure
14.6 shows the relationship between pre-dithered values and dithering pattern registers.
The LDP7H and LDP7L contain 5 pre-dithered patterns for 1/7, 3/7, 4/7, 5/7, and 6/7 duty
cycle rate. Each field of LDP7H and LDP7L is 7-bit long. The LDP5 has 4 pre-dithered
pattern fields for 1/5, 2/5, 3/5, and 4/5 duty cycle rate. Each field of LDP5 is 5-bit long.
The LDP4 has 3 pre-dithered pattern fields for 1/4, 1/2(=2/4), and 3/4 duty cycle rate, and
each field is 4-bit long. Likewise, the LDP3 has 2 fields for 1/3 and 2/3 duty cycle rate
with 3-bit length.
Note that the pre-dithered data for 1 and 0 is not defined in the dithering pattern register,
because these values are implemented with VDD and VSS condition.
Pre-dithered value
Dithering register
Duty cycle ratio
0
0
0
1
DP1_7
1/7
2
DP1_5
1/5
3
DP1_4
1/4
4
DP1_3
1/3
5
DP2_5
2/5
6
DP3_7
3/7
7
DP2_4
1/2
8
DP4_7
4/7
9
DP3_5
3/5
10
DP2_3
2/3
11
DP5_7
5/7
12
DP3_4
3/4
13
DP4_5
4/5
14
DP6_7
6/7
15
1
1
Figure 14.6 Dithering operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com