Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 171 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 171 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 167Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 168Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 169Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 170Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 171Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 172Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 173Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 174Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 175Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
LCD CONTROLLER
Preliminary
14-3
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
PD[3:0]
X
STN
PXDW=0(4bits)
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
PD[7:0]
STN
PXDW=3(8bits)
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
R[5:0], G[5:0], B[5:0]*
X
TFT
PXDW=2(6bits)
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
R[7:0], G[7:0], B[7:0]*
X
TFT
PXDW=3(8bits)
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
R[4:0]
TFT
PXDW=4(565)
G[5:0]
B[4:0]
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
U0[7:0], Y0[7:0], V0[7:0], Y1[7:0]**
TV
PXDW=3(8bits)
X
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
U[7:0], V[7:0]***
TV
PXDW=6(16bits)
Y[7:0]
X
***)U->V
*)R->G->B
**)U0->Y0->V0->Y1
Figure 14.3 Output Pixel Data Organization(GPIO_A[31:16] = PXDATA[15:0])
14.3 Interrupt configuration
LCDC has three maskable interrupt sources; Disable Done(DD), Register Update(RU),
and FIFO underrun interrupt(FU). Each interrupt source can be masked as corresponding
bit of LIM is set to 1. DD interrupt is generated when LEN bit is cleared and current
frame is completed. RU interrupt is generated after all of control registers are updated. So,
control registers which was programmed are applied to displaying a frame after
displaying the current frame is completed. FU interrupt is generated when FIFO underrun
is occurred. HCLK frequency is always faster than LCLK frequency to prevent FIFO
underrun from taking place.
For using LCDC interrupt, all of LCDC interrupt source must be cleared before enabling
interrupt. The corresponding bits of LSTATUS are written to 1 to clear it. And CREQ
register of interrupt controller must be also cleared.
1. clear LSTATUS register of LCDC
2. clear CREQ of interrupt controller
3. set LIM register of LCDC to unmask the corresponding LCDC interrupt.
4. set IEN register of interrupt controller to enable the LCDC interrupt
Whenever LCDC interrupt is generated, the corresponding bits of LSTATUS register must be
cleared. Otherwise, LCDC interrupt is not generated any more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com