Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 167 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 167 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 163Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 164Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 165Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 166Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 167Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 168Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 169Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 170Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 171Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
DMA CONTROLLER
Preliminary
13-7
REP [1]
Repeat Mode Control
0
After all of hop transfer has executed, the DMA channel is
disabled
1
The DMA channel remains enabled. When another DMA request has
occurred, the DMA channel start transfer data again with the same
manner (type, address, increment, mask) as the latest transfer of that
channel.
EN [0]
DMA Channel Enable
0
DMAchannel is terminated and disabled.
It does not affect the HCOUNT register, so if the current hop counter is
not zero when channel is disabled, it is possible that the transfer illegally
starts right after channel is re-enabled. Make sure that HCOUNT is
zero not to continue transfer after channel is re-enabled.
1
DMA channel is enabled. If software type transfer is selected,
this bit generates DMA request directly, or if hardware type
transfer is used, the selected interrupt request flag generate
DMA request.
Channel Configuration Register(CHCONFIG)
0x80000E2C
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
IS1
IS0
MIS1
MIS0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SWP1
SWP0
PRI
FIX
IS1 [22]
Channel 1 Alternate interrupt status
0
No interrupt in channel 1
1
Channel1 Interrupt is occurred
Without regard to Interrupt enable bit(IEN) of channel1, this bit indicates the channel1 interrupt
status.
This bit is automatically cleared when FLAG bit of channel1 is cleared. This bit is read only.
IS0 [21]
Channel 0 Alternate interrupt status
0
No interrupt in channel 0
1
Channel1 Interrupt is occurred
Except for channel difference, This bit is the same as IS1 bit.
MIS1[17]
Channel1 Masked Interrupt Status
0
Masked interrupt is not occurred in channel 1
1
Channel1 Masked Interrupt is occurred
This bit is set when channel1 interrupt occurs and interrupt enable bit (IEN) of channel1 is set.
This bit is automatically cleared when FLAG bit of channel1 is cleared. This bit is read only.
MIS0[16]
Channel0 Masked Interrupt Status
0
Masked interrupt is not occurred in channel 0
1
Channel0 Masked Interrupt is occurred
Except for channel difference, This bit is the same as MIS1 bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com