Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 177 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 177 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 173Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 174Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 175Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 176Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 177Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 178Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 179Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 180Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 181Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
LCD CONTROLLER
Preliminary
14-9
14.5 TFT LCD
The LCDC supports 16bpp true-color non-palletized color displays for color TFT LCD.
Figure 14.9 show frame memory organization. If image source is YUV420 or YUV422,
YUV2RGB converer can be used as Y2R of LCTRL is set. And each YUV channel is
indicated by LIBA0, LIBA1, and LIBA2 register.
It generates the control signals for LCD driver such as, VSYNC, HSYNC, PXCLK,
PXDEN(ACBIAS) and PXDATA. Figure 14.10 shows PXDATA format in TFT mode.
The timing diagram of TFT mode is shown in Figure 14.12.
Figure 14.9 TFT LCD pixel data memory organization
*) intensity bit
Figure 14.10 TFT LCD output pixel data
The VSYNC and HSYNC frequency is controlled by the LPC and FLC field.
LPC = (Horizontal display size) – 1
FLC = (Vertical display size) – 1
And PXCLK frequency is determined by the CLKDIV value.
fPXCLK = fLCLK / (2 x CLKDIV)
(3)
The frequency of VSYNC signal is the frame rate. So the frame rate can be
calculated as follows:
fVSYNC = fPXCLK / [ (FSWC + FPW + FLC +FEWC)
x {(LSWC+1) + (LPC+1) + (LEWC+1) + (LPW+1)}]
Therefore, if FR is the required refresh rate in TFT mode, fPXCLK_REQ, which is the
required PXCLK, is the flowing.
fPXCLK_REQ = FR x {(LPW+1) + (LPC+1) + (LSWC+1) + (LEWC+1)}
x {(FSWC+1) + (FPW+1) + (FLC+1) +(FEWC+1)}
(4)
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
R[4:0]
G[5:0]
B[4:0]
PXDW
565
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
R[4:0]
G[4:0]
B[4:0]
PXDW
555 I*
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16
I*
U4 or V4
U6 or V6
R1[4:0]
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
8BPP(U or V)
RGB565
RGB555
G1[5:0]
B1[4:0]
R1[4:0]
G1[4:0]
B1[4:0]
Y2
Y3
8BPP(Y)
I*
U0 or V0
U2 or V2
R0[4:0]
8BPP(U or V)
RGB565
RGB555
G0[5:0]
B0[4:0]
R0[4:0]
G0[4:0]
B0[4:0]
Y0
Y1
8BPP(Y)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com