Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 148 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 148 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 144Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 145Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 146Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 147Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 148Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 149Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 150Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 151Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 152Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
GSIO PORT
Preliminary
11-2
11.2 Register Description
Table 11.1 GSIO Register Map (Base Address = 0x80000700)
Name
Address Type
Reset
Description
GSDO0
0x00
R/W
Unknown
GSIO0 Output Data Register
GSDI0
0x04
R/W
Unknown
GSIO0 Input Data Register
GSCR0
0x08
R/W
0x0000
GSIO0 Control Register
GSGCR
0x0C
R/W
0x0000
GSIO Global Control Register
GSDO1
0x10
R/W
Unknown
GSIO1 Output Data Register
GSDI1
0x14
R/W
Unknown
GSIO1 Input Data Register
GSCR1
0x18
R/W
0x0000
GSIO1 Control Register
GSDO2
0x20
R/W
Unknown
GSIO2 Output Data Register
GSDI2
0x24
R/W
Unknown
GSIO2 Input Data Register
GSCR2
0x28
R/W
0x0000
GSIO2 Control Register
GSDO3
0x30
R/W
Unknown
GSIO3 Output Data Register
GSDI3
0x34
R/W
Unknown
GSIO3 Input Data Register
GSCR3
0x38
R/W
0x0000
GSIO3 Control Register
GSIOn Output Data Register (GSDO0 ~ GSDO3)
0x80000700 + (0x10 * n)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
WORD[3:0]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
GSDO[15:0]
WORD
[19:16]
GSIO word size
N
GSIO data has (N+1) bit unit, N = 0 ~ 15
*) This field is valid only if WS of GSCRn register is set to 1.
GSDO
[15:0]
Type
GSIO Output Data
R
The value that have been written through register is read
GSDO
W
The value is transmitted by LSB or MSB order that is
controlled by MS field of GSCRn register.
GSIOn Input Data Register (GSDI0 ~ GSDI3)
0x80000704 + (0x10 * n)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Data from GSIO Input Pin
By writing to GSDOn register, the corresponding GSIO block start to transmit and at the
same time it starts to receive data through the SDI pin. At the end of transmission, the
received data can be read through this GSDIn register. The bit order of receiving
conforms to that of transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com