Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 141 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 141 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 137Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 138Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 139Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 140Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 141Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 142Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 143Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 144Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 145Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
UART/IRDA
Preliminary
10-3
Receiver Buffer Register (UTRXD)
0x80000600
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
Received Data (when reading)
Whenever FRX flag of IR register is set, or RA flag of LSR register is set, reading of this
register gets the 1 byte of received data.
Transmitter Holding Register (UTTXD)
0x80000600
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
Transmitting Data (when writing)
When the transmission FIFO is not full, writing of this register fills that data to
transmission FIFO. Checking TF flag of LSR register can monitor the status of a
transmission FIFO.
Divisor Latch Register (UTDL)
0x80000604
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Divisor Latch Value
This is for generation of the desired baud rate clock. This register is set to 0 at reset,
UART is disabled until this register is set by non-zero value. The value can be calculated
as follows.
UTDL
= fUART / (16 * desired baud rate)
The UART clock is generated by clock generator block. It is recommended that the
frequency of UART clock is set to 3.6864MHz, so the desired baud rate can be
acquired by writing a value to UTDL register as follows.
UTDL
= 230400 / (desired baud rate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com