Electronic Components Datasheet Search
  English  ▼

X  

RA2L2 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # RA2L2
Description  Renesas Microcontrollers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2L2 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button RA2L2 Datasheet HTML 25Page - Renesas Technology Corp RA2L2 Datasheet HTML 26Page - Renesas Technology Corp RA2L2 Datasheet HTML 27Page - Renesas Technology Corp RA2L2 Datasheet HTML 28Page - Renesas Technology Corp RA2L2 Datasheet HTML 29Page - Renesas Technology Corp RA2L2 Datasheet HTML 30Page - Renesas Technology Corp RA2L2 Datasheet HTML 31Page - Renesas Technology Corp RA2L2 Datasheet HTML 32Page - Renesas Technology Corp RA2L2 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 108 page
background image
Table 2.10
Operating and standby current (1) (2 of 2)
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Parameter
Symbol
Typ*10
Max
Unit
Test
conditions
Supply
current*1
Middle-
speed
mode*2
Normal
mode
All peripheral clocks
disabled, CoreMark
code executing from
flash*5
ICLK = 24 MHz
ICC
2.30
—
mA
*7
ICLK = 4 MHz
0.80
—
All peripheral clocks
enabled, code
executing from flash*5
ICLK = 24 MHz
—
7.40
*8
Sleep
mode
All peripheral clocks
disabled*5
ICLK = 24 MHz
0.65
—
*7
ICLK = 4 MHz
0.55
—
All peripheral clocks
enabled*5
ICLK = 24 MHz
3.00
—
*8
ICLK = 4 MHz
0.90
—
Increase during BGO operation*6
1.85
—
—
Low-
speed
mode*3
Normal
mode
All peripheral clocks
disabled, CoreMark
code executing from
flash*5
ICLK = 2 MHz
0.28
—
mA
*7
All peripheral clocks
enabled, code
executing from flash*5
ICLK = 2 MHz
—
2.40
*8
Sleep
mode
All peripheral clocks
disabled*5
ICLK = 2 MHz
0.12
—
*7
All peripheral clocks
enabled*5
ICLK = 2 MHz
0.31
—
*8
Subosc-
speed
mode*4
Normal
mode
All peripheral clocks
enabled, code
executing from flash*5
ICLK = 32.768 kHz
—
162
µA
*8
Sleep
mode
All peripheral clocks
disabled*5
ICLK = 32.768 kHz
1.90
—
*8
All peripheral clocks
enabled*5
ICLK = 32.768 kHz
4.95
—
*8
Note 1. Supply current is the total current flowing into VCC. Supply current values apply when internal pull-up MOSs are in the off state and
these values do not include output charge/discharge current from any of the pins.
Note 2. The clock source is HOCO.
Note 3. The clock source is MOCO.
Note 4. The clock source is the sub-clock oscillator.
Note 5. This does not include BGO operation.
Note 6. This is the increase for programming or erasure of the flash memory for data storage during program execution.
Note 7. PCLKB and PCLKD are set to divided by 64.
Note 8. PCLKB and PCLKD are the same frequency as that of ICLK.
Note 9. PCLKB are set to be divided by 2 and PCLKD is the same frequency as that of ICLK.
Note 10. VCC = 3.3 V.
Note 11. The prefetch buffer is operating.
RA2L2 Datasheet
2. Electrical Characteristics
R01DS0445EJ0120 Rev.1.20
Jun 9, 2026
Page 29 of 108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com