| Electronic Components Datasheet Search |
|
RA2L2 Datasheet(PDF) 5 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA2L2 Datasheet(HTML) 5 Page - Renesas Technology Corp |
|
5 / 108 page ![]() Table 1.8 Analog Feature Functional description 12-bit A/D Converter (ADC12) A 12-bit successive approximation A/D converter is provided. Up to 17 analog input channels are selectable. Temperature sensor output and internal reference voltage are selectable for conversion. Temperature Sensor (TSN) The on-chip Temperature Sensor (TSN) determines and monitors the die temperature for reliable operation of the device. The sensor outputs a voltage directly proportional to the die temperature, and the relationship between the die temperature and the output voltage is fairly linear. The output voltage is provided to the ADC12 for conversion and can be further used by the end application. Table 1.9 Data processing Feature Functional description Cyclic Redundancy Check (CRC) calculator The Cyclic Redundancy Check (CRC) generates CRC codes to detect errors in the data. The bit order of CRC calculation results can be switched for LSB-first or MSB-first communication. Additionally, various CRC-generation polynomials are available. The snoop function allows the access to specific addresses to be monitored. This function is useful in applications that require CRC code to be generated automatically in certain events, such as monitoring writes to the serial transmit buffer and reads from the serial receive buffer. Data Operation Circuit (DOC) The Data Operation Circuit (DOC) compares, adds, and subtracts 16-bit data. When a selected condition applies, 16-bit data is compared and an interrupt can be generated. Table 1.10 I/O ports Feature Functional description I/O ports ● I/O ports for the 64-pin LQFP – I/O pins: 51 – Input pins: 3 – Pull-up resistors: 51 – N-ch open-drain outputs: 38 – 5-V tolerance: 7 ● I/O ports for the 48-pin LQFP/HWQFN – I/O pins: 35 – Input pins: 3 – Pull-up resistors: 35 – N-ch open-drain outputs: 24 – 5-V tolerance: 7 ● I/O ports for the 32-pin LQFP/HWQFN – I/O pins: 21 – Input pins: 3 – Pull-up resistors: 21 – N-ch open-drain outputs: 13 – 5-V tolerance: 5 RA2L2 Datasheet 1. Overview R01DS0445EJ0120 Rev.1.20 Jun 9, 2026 Page 5 of 108 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |