Electronic Components Datasheet Search
  English  ▼

X  

RA2L2 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # RA2L2
Description  Renesas Microcontrollers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2L2 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button RA2L2 Datasheet HTML 16Page - Renesas Technology Corp RA2L2 Datasheet HTML 17Page - Renesas Technology Corp RA2L2 Datasheet HTML 18Page - Renesas Technology Corp RA2L2 Datasheet HTML 19Page - Renesas Technology Corp RA2L2 Datasheet HTML 20Page - Renesas Technology Corp RA2L2 Datasheet HTML 21Page - Renesas Technology Corp RA2L2 Datasheet HTML 22Page - Renesas Technology Corp RA2L2 Datasheet HTML 23Page - Renesas Technology Corp RA2L2 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 108 page
background image
Table 2.1
Absolute maximum ratings (2 of 2)
Parameter
Symbol
Value
Unit
Storage temperature
Tstg
-55 to +140
°C
Note 1. Ports P400, P401, P407, P109, P110, P912, and P913 are 5 V-tolerant.
Note 2. See section 2.2.1. Tj/Ta Definition.
Note 3. Contact Renesas Electronics sales office for information on derating operation under Ta = +105°C to +125°C.
Derating is the systematic reduction of load for improved reliability.
Note 4. The upper limit of the operating temperature is 105°C or 125°C, depending on the product.
Caution: Permanent damage to the MCU may result if absolute maximum ratings are exceeded.
To preclude any malfunctions due to noise interference, insert capacitors with high frequency
characteristics between the VCC and VSS pins, between the AVCC0 and AVSS0 pins, and between the
VREFH0 and VREFL0 pins when VREFH0 is selected as the high potential reference voltage for the
ADC12. Place capacitors of the following value as close as possible to every power supply pin and use
the shortest and heaviest possible traces:
● VCC and VSS: about 0.1 µF
● AVCC0 and AVSS0: about 0.1 µF
● VREFH0 and VREFL0: about 0.1 µF
Also, connect capacitors as stabilization capacitance.
Connect the VCL pin to a VSS pin by a 4.7 µF capacitor. Each capacitor must be placed close to the pin.
Table 2.2
Recommended operating conditions
Parameter
Symbol
Min
Typ
Max
Unit
Power supply voltages
VCC*1 *2
1.6
—
5.5
V
VCC*1 *2 *3
3.0
—
3.6
V
VSS
—
0
—
V
Analog power supply voltages
AVCC0*1 *2
1.6
—
5.5
V
AVSS0
—
0
—
V
VREFH0
When used as ADC12
Reference
1.6
—
AVCC0 V
VREFL0
—
0
—
V
Note 1. Use AVCC0 and VCC under the following conditions:
AVCC0 = VCC
Note 2. When powering on the VCC and AVCC0 pins, power them on at the same time or the VCC pin first and then the AVCC0 pins.
When powering off the VCC and AVCC0 pins, power them off at the same time or the AVCC0 pin first and then the VCC pins.
Note 3. When using the USB 2.0 Full-Speed Module (USBFS) or the USB Type-C Interface.
2.2
DC Characteristics
2.2.1
Tj/Ta Definition
Table 2.3
DC characteristics
Conditions: Products with operating temperature (Ta) -40 to +125°C
Parameter
Symbol
Typ
Max
Unit
Test conditions
Permissible junction temperature
Tj
—
140
°C
High-speed mode
Middle-speed mode
Low-speed mode
Subosc-speed mode
125*1
Note:
Make sure that Tj = Ta + θja × total power consumption (W), where total power consumption = (VCC - VOH) × ΣIOH + VOL × ΣIOL +
ICCmax × VCC.
Note 1. The upper limit of operating temperature is 125°C or 140°C, depending on the product. If the part number shows the operation
temperature at 105°C, then the maximum value of Tj is 125°C, otherwise it is 140°C.
RA2L2 Datasheet
2. Electrical Characteristics
R01DS0445EJ0120 Rev.1.20
Jun 9, 2026
Page 20 of 108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com