Electronic Components Datasheet Search
  English  ▼

X  

RA2L2 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # RA2L2
Description  Renesas Microcontrollers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2L2 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button RA2L2 Datasheet HTML 5Page - Renesas Technology Corp RA2L2 Datasheet HTML 6Page - Renesas Technology Corp RA2L2 Datasheet HTML 7Page - Renesas Technology Corp RA2L2 Datasheet HTML 8Page - Renesas Technology Corp RA2L2 Datasheet HTML 9Page - Renesas Technology Corp RA2L2 Datasheet HTML 10Page - Renesas Technology Corp RA2L2 Datasheet HTML 11Page - Renesas Technology Corp RA2L2 Datasheet HTML 12Page - Renesas Technology Corp RA2L2 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 108 page
background image
1.4
Function Comparison
Table 1.12
Function comparison
Parts number
Pin count
64
48
32
Package
LQFP
LQFP/HWQFN
LQFP/HWQFN
Code flash memory
128 KB
64 KB
128 KB
64 KB
128 KB
64 KB
Data flash memory
4 KB
4 KB
4 KB
SRAM(Parity)
16 KB
16 KB
16 KB
System
CPU clock
48 MHz
48 MHz
48 MHz
Sub clock oscillator
Yes
Yes
Yes
ICU
Yes
Yes
Yes
KINT
8
5
4
Event control
ELC
Yes
Yes
Yes
DMA
DTC
Yes
Yes
Yes
Timers
GPT32
1 (PWM outputs: 2)
1 (PWM outputs: 2)
1 (PWM outputs: 2)
GPT16
6 (PWM outputs: 12)
6 (PWM outputs: 12)
6 (PWM outputs: 7)
AGTW
2
2
2
RTC
Yes
Yes
Yes
WDT/IWDT
Yes
Yes
Yes
Communication
SCI
4
4
3
I3C
1
1
1
SPI
1
1
1
CAN
1
1
1
SSIE
1
1
1
UARTA
2
2
2
USBFS
1
1
1
USBCC
1
1
1
Analog
ADC12
17
13
10
TSN
Yes
Yes
Yes
Data processing
CRC
Yes
Yes
Yes
DOC
Yes
Yes
Yes
Security
TRNG
TRNG
TRNG
I/O ports
I/O pins
51
35
21
Input pins
3
3
3
Pull-up resistors
51
35
21
N-ch open-drain
outputs
38
24
13
5-V tolerance
7
7
5
RA2L2 Datasheet
1. Overview
R01DS0445EJ0120 Rev.1.20
Jun 9, 2026
Page 9 of 108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com