Electronic Components Datasheet Search
  English  ▼

X  

RA2L2 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # RA2L2
Description  Renesas Microcontrollers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2L2 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button RA2L2 Datasheet HTML 15Page - Renesas Technology Corp RA2L2 Datasheet HTML 16Page - Renesas Technology Corp RA2L2 Datasheet HTML 17Page - Renesas Technology Corp RA2L2 Datasheet HTML 18Page - Renesas Technology Corp RA2L2 Datasheet HTML 19Page - Renesas Technology Corp RA2L2 Datasheet HTML 20Page - Renesas Technology Corp RA2L2 Datasheet HTML 21Page - Renesas Technology Corp RA2L2 Datasheet HTML 22Page - Renesas Technology Corp RA2L2 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 108 page
background image
2.
Electrical Characteristics
Unless otherwise specified, the electrical characteristics of the MCU are defined under the following conditions:
VCC*1 = AVCC0 = 1.6 to 5.5 V, VREFH0 = 1.6 V to AVCC0
VSS = AVSS0 = VREFL0 = 0 V, Ta = Topr
Note 1. The typical condition is set to VCC = 3.3 V.
Figure 2.1 shows the timing conditions.
For example, P300
C
VOH = VCC × 0.7, VOL = VCC × 0.3
VIH = VCC × 0.7, VIL = VCC × 0.3
Load capacitance C = 30 pF
Figure 2.1
Input or output timing measurement conditions
The measurement conditions of the timing specifications for each peripheral are recommended for the best peripheral
operation. However, make sure to adjust driving abilities for each pin to meet the conditions of your system.
Each function pin used for the same function must select the same drive ability. If the I/O drive ability of each function pin
is mixed, the AC characteristics of each function are not guaranteed.
2.1
Absolute Maximum Ratings
Table 2.1
Absolute maximum ratings (1 of 2)
Parameter
Symbol
Value
Unit
Power supply voltage
VCC
-0.5 to +6.5
V
Input voltage
5 V-tolerant ports*1
Vin
-0.3 to +6.5
V
P000 to P004, P010 to P015
Vin
-0.3 to AVCC0 + 0.3
V
Others
Vin
-0.3 to VCC + 0.3
V
Reference power supply voltage
VREFH0
-0.3 to +6.5
V
Analog power supply voltage
AVCC0
-0.5 to +6.5
V
Analog input voltage
When AN000 to AN010 are
used
VAN
-0.3 to AVCC0 + 0.3
V
When AN017 to AN022 are
used
-0.3 to VCC + 0.3
V
Operating temperature*2 *3 *4
Topr
-40 to +105
-40 to +125
°C
RA2L2 Datasheet
2. Electrical Characteristics
R01DS0445EJ0120 Rev.1.20
Jun 9, 2026
Page 19 of 108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com