Electronic Components Datasheet Search
  English  ▼

X  

RA2L2 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # RA2L2
Description  Renesas Microcontrollers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2L2 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button RA2L2 Datasheet HTML 74Page - Renesas Technology Corp RA2L2 Datasheet HTML 75Page - Renesas Technology Corp RA2L2 Datasheet HTML 76Page - Renesas Technology Corp RA2L2 Datasheet HTML 77Page - Renesas Technology Corp RA2L2 Datasheet HTML 78Page - Renesas Technology Corp RA2L2 Datasheet HTML 79Page - Renesas Technology Corp RA2L2 Datasheet HTML 80Page - Renesas Technology Corp RA2L2 Datasheet HTML 81Page - Renesas Technology Corp RA2L2 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 108 page
background image
Table 2.48
A/D conversion characteristics (5) in low-power A/D conversion mode (2 of 2)
Conditions: VCC = AVCC0 = VREFH0 = 2.4 to 5.5 V*5, VSS = AVSS0 = VREFL0 = 0 V
Reference voltage range applied to the VREFH0 and VREFL0.
Parameter
Min
Typ
Max
Unit
Test conditions
Absolute accuracy
—
±3.25
±7.0
LSB
High-precision channel
±10.0
LSB
Other than specified
DNL differential nonlinearity error
—
±1.5
—
LSB
—
INL integral nonlinearity error
—
±1.75
±4.0
LSB
—
Note:
The characteristics apply when no pin functions other than 12-bit A/D converter input are used. Absolute accuracy does not include
quantization errors. Offset error, full-scale error, DNL differential nonlinearity error, and INL integral nonlinearity error do not include
quantization errors.
Note 1. The conversion time is the sum of the sampling time and the comparison time. The number of sampling states is indicated for the
test conditions.
Note 2. Except for I/O input capacitance (Cin), see section 2.2.4. I/O VOH, VOL, and Other Characteristics.
Note 3. Reference data.
Note 4. ( ) lists sampling time.
Note 5. When VREFH0 < AVCC0, the MAX. values are as follows.
Absolute accuracy/Offset error/Full-scale error:
For voltage difference between AVCC0 and VREFH0, it should be added ±0.75 LSB/V to the Max spec.
INL integral non-linearity error:
For voltage difference between AVCC0 and VREFH0, it should be added ±0.2 LSB/V to the Max spec.
Table 2.49
A/D conversion characteristics (6) in low-power A/D conversion mode
Conditions: VCC = AVCC0 = VREFH0 = 1.8 to 5.5 V*5, VSS = AVSS0 = VREFL0 = 0 V
Reference voltage range applied to the VREFH0 and VREFL0.
Parameter
Min
Typ
Max
Unit
Test conditions
PCLKD (ADCLK) frequency
1
—
8
MHz
—
Analog input capacitance*2
Cs
—
—
9*3
pF
High-precision channel
—
—
10*3
pF
Normal-precision channel
Analog input resistance
Rs
—
—
6*3
kΩ
High-precision channel
—
—
14*3
kΩ
Normal-precision channel
Analog input voltage range
Ain
0
—
VREFH0
V
—
Resolution
—
—
12
Bit
—
Conversion time*1
(Operation at PCLKD = 8
MHz)
Permissible
signal
source
impedance
Max. = 5 kΩ
4.75
(1.313)*4
—
—
µs
High-precision channel
ADCSR.ADHSC = 1
ADSSTRn.SST[7:0] = 0x0A
ADACSR.ADSAC = 1
6.0 (2.563)*4 —
—
µs
Normal-precision channel
ADCSR.ADHSC = 1
ADSSTRn.SST[7:0] = 0x14
ADACSR.ADSAC = 1
Offset error
—
±1.25
±7.5
LSB
High-precision channel
±10.0
LSB
Other than specified
Full-scale error
—
±1.5
±7.5
LSB
High-precision channel
±10.0
LSB
Other than specified
Quantization error
—
±0.5
—
LSB
—
Absolute accuracy
—
±3.75
±9.5
LSB
High-precision channel
±13.5
LSB
Other than specified
DNL differential nonlinearity error
—
±2.0
—
LSB
—
INL integral nonlinearity error
—
±2.25
±4.5
LSB
—
Note:
The characteristics apply when no pin functions other than 12-bit A/D converter input are used. Absolute accuracy does not include
quantization errors. Offset error, full-scale error, DNL differential nonlinearity error, and INL integral nonlinearity error do not include
quantization errors.
RA2L2 Datasheet
2. Electrical Characteristics
R01DS0445EJ0120 Rev.1.20
Jun 9, 2026
Page 78 of 108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com