Electronic Components Datasheet Search
  English  ▼

X  

RA2L2 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # RA2L2
Description  Renesas Microcontrollers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2L2 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button RA2L2 Datasheet HTML 33Page - Renesas Technology Corp RA2L2 Datasheet HTML 34Page - Renesas Technology Corp RA2L2 Datasheet HTML 35Page - Renesas Technology Corp RA2L2 Datasheet HTML 36Page - Renesas Technology Corp RA2L2 Datasheet HTML 37Page - Renesas Technology Corp RA2L2 Datasheet HTML 38Page - Renesas Technology Corp RA2L2 Datasheet HTML 39Page - Renesas Technology Corp RA2L2 Datasheet HTML 40Page - Renesas Technology Corp RA2L2 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 108 page
background image
Independent watchdog timer reset
Software reset
Internal reset
tRESWT3
tRESWIW, tRESWIR
Figure 2.9
Reset input timing (2)
2.3.4
Wakeup Time
Table 2.22
Timing of recovery from low power modes (1)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Recovery
time from
Software
Standby
mode*1
High-
speed
mode
Crystal
resonator
connected to
main clock
oscillator
System clock
source is main
clock oscillator (20
MHz)*2
tSBYMC
—
2
3
ms
Figure 2.10
External clock
input to main
clock
oscillator
System clock
source is main
clock oscillator (20
MHz)*3
tSBYEX
—
2.4
3.1
µs
System clock source is HOCO
(HOCO clock is 32 MHz)*4
tSBYHO
—
7.4
9.1
µs
System clock source is HOCO
(HOCO clock is 48 MHz)*5
tSBYHO
—
7.3
8.9
µs
System clock source is HOCO
(HOCO clock is 64 MHz)*4
tSBYHO
—
7.4
9.1
µs
System clock source is MOCO (8
MHz)
tSBYMO
—
4
5
µs
Note 1. The division ratio of ICLK and PCLKx is the minimum division ratio within the allowable frequency range. The recovery time is
determined by the system clock source.
Note 2. The Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 0x05.
Note 3. The Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 0x00.
Note 4. The system clock is 32 MHz.
Note 5. The system clock is 48 MHz.
RA2L2 Datasheet
2. Electrical Characteristics
R01DS0445EJ0120 Rev.1.20
Jun 9, 2026
Page 37 of 108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com