Electronic Components Datasheet Search
  English  ▼

X  

RA2L2 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RA2L2
Description  Renesas Microcontrollers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2L2 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RA2L2 Datasheet HTML 1Page - Renesas Technology Corp RA2L2 Datasheet HTML 2Page - Renesas Technology Corp RA2L2 Datasheet HTML 3Page - Renesas Technology Corp RA2L2 Datasheet HTML 4Page - Renesas Technology Corp RA2L2 Datasheet HTML 5Page - Renesas Technology Corp RA2L2 Datasheet HTML 6Page - Renesas Technology Corp RA2L2 Datasheet HTML 7Page - Renesas Technology Corp RA2L2 Datasheet HTML 8Page - Renesas Technology Corp RA2L2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 108 page
background image
Table 1.6
Timers (2 of 2)
Feature
Functional description
Low Power Asynchronous General
Purpose Timer (AGTW)
The Low Power Asynchronous General Purpose Timer (AGTW) is a 32-bit timer that can be
used for pulse output, external pulse width or period measurement, and counting external
events. This timer consists of a reload register and a down counter. The reload register and
the down counter are allocated to the same address, and can be accessed with the AGTW
register.
Realtime Clock (RTC)
The RTC has two operation modes, normal operation mode and low-consumption clock mode. In
each of the operation mode, the RTC has two counting modes, calendar count mode and binary
count mode, that are used by switching register settings. For calendar count mode, the RTC
has a 100-year calendar from 2000 to 2099 and automatically adjusts dates for leap years. For
binary count mode, the RTC counts seconds and retains the information as a serial value. Binary
count mode can be used for calendars other than the Gregorian (Western) calendar.
Table 1.7
Communication interfaces
Feature
Functional description
Serial Communications Interface (SCI)
The Serial Communications Interface (SCI) × 4 channels have asynchronous and synchronous
serial interfaces:
● Asynchronous interfaces (UART and Asynchronous Communications Interface Adapter
(ACIA))
● 8-bit clock synchronous interface
● Simple IIC (master-only)
● Simple SPI
● Smart card interface
The smart card interface complies with the ISO/IEC 7816-3 standard for electronic signals and
transmission protocol. SCIn (n = 0) has FIFO buffers to enable continuous and full-duplex
communication, and the data transfer speed can be configured independently using an on-chip
baud rate generator.
I3C bus interface (I3C)
The I3C bus interface (I3C) has one channel. The I3C module conform with and provide a
subset of the NXP I2C (Inter-Integrated Circuit) bus interface functions and a subset of the MIPI
I3C.
Serial Peripheral Interface (SPI)
The Serial Peripheral Interface (SPI) has 1 channel. The SPI provides high-speed full-duplex
synchronous serial communications with multiple processors and peripheral devices.
Control Area Network (CAN)
The Controller Area Network (CAN) module uses a message-based protocol to receive and
transmit data between multiple slaves and masters in electromagnetically noisy applications. The
module complies with the ISO 11898-1 (CAN 2.0A/CAN 2.0B) standard and supports up to 32
mailboxes, which can be configured for transmission or reception in normal mailbox and FIFO
modes. Both standard (11-bit) and extended (29-bit) messaging formats are supported. The CAN
module requires an additional external CAN transceiver.
USB 2.0 Full-Speed (USBFS) module
The USB 2.0 Full-Speed (USBFS) module can operate as a device controller.
The module supports full-speed transfer as defined in Universal Serial Bus Specification 2.0.
The module has an internal USB transceiver and supports all of the transfer types defined in
Universal Serial Bus Specification 2.0. The USB has buffer memory for data transfer, providing
a maximum of 10 pipes. Pipes 1 to 9 can be assigned any endpoint number based on the
peripheral devices used for communication or based on your system.
USB Type-C interface (USBCC)
The module supports for USB Type-C connector of USB 2.0 (Sink/UFP only) as defined in
Universal Serial Bus Type-C Cable and Connector Specification Release 2.2, and the module
can detect the current supply capability (default /1.5A/3.0A) of VBUS.
Serial interface UARTA (UARTA)
The serial interface UARTA (UARTA) has 2 channels. The UARTA provides full-duplex
asynchronous serial communications.
Serial Sound Interface Enhanced (SSIE) The Serial Sound Interface Enhanced (SSIE) peripheral provides functionality to interface with
digital audio devices for transmitting I2S/Monaural/TDM audio data over a serial bus. The SSIE
supports an audio clock frequency of up to 32 MHz, and can be operated as a slave or master
receiver, transmitter, or transceiver to suit various applications. The SSIE includes 32-stage FIFO
buffers in the receiver and transmitter, and supports interrupts and DTC-driven data reception
and transmission.
RA2L2 Datasheet
1. Overview
R01DS0445EJ0120 Rev.1.20
Jun 9, 2026
Page 4 of 108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com