Electronic Components Datasheet Search
  English  ▼

X  

RA2L2 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # RA2L2
Description  Renesas Microcontrollers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2L2 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button RA2L2 Datasheet HTML 36Page - Renesas Technology Corp RA2L2 Datasheet HTML 37Page - Renesas Technology Corp RA2L2 Datasheet HTML 38Page - Renesas Technology Corp RA2L2 Datasheet HTML 39Page - Renesas Technology Corp RA2L2 Datasheet HTML 40Page - Renesas Technology Corp RA2L2 Datasheet HTML 41Page - Renesas Technology Corp RA2L2 Datasheet HTML 42Page - Renesas Technology Corp RA2L2 Datasheet HTML 43Page - Renesas Technology Corp RA2L2 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 108 page
background image
tSNZ
IRQ
ICLK (to DTC, SRAM)*1 PCLK
ICLK (except DTC, SRAM)
Oscillator
Software Standby mode
Snooze mode
Note 1. When SNZCR.SNZDTCEN bit is set to 1, ICLK is supplied to DTC and SRAM.
Figure 2.11
Recovery timing from Software Standby mode to Snooze mode
2.3.5
NMI and IRQ Noise Filter
Table 2.27
NMI and IRQ noise filter
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
NMI pulse width
tNMIW
200
—
—
ns
NMI
digital
filter
disabled
tPcyc × 2
≤ 200 ns
tPcyc × 2*1
—
—
tPcyc × 2
> 200 ns
200
—
—
NMI
digital
filter
enabled
tNMICK ×
3 ≤
200 ns
tNMICK × 3.5*2
—
—
tNMICK ×
3 >
200 ns
IRQ pulse width
tIRQW
200
—
—
ns
IRQ
digital
filter
disabled
tPcyc × 2
≤ 200 ns
tPcyc × 2*1
—
—
tPcyc × 2
> 200 ns
200
—
—
IRQ
digital
filter
enabled
tIRQCK ×
3 ≤
200 ns
tIRQCK × 3.5*3
—
—
tIRQCK ×
3 >
200 ns
Note:
200 ns minimum in Software Standby mode.
Note:
If the clock source is being switched, it is necessary to add 4 clock cycles of the switched source.
Note 1. tPcyc indicates the PCLKB cycle.
Note 2. tNMICK indicates the cycle of the NMI digital filter sampling clock.
Note 3. tIRQCK indicates the cycle of the IRQi digital filter sampling clock (i = 0 to 7).
RA2L2 Datasheet
2. Electrical Characteristics
R01DS0445EJ0120 Rev.1.20
Jun 9, 2026
Page 40 of 108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com