Electronic Components Datasheet Search
  English  ▼

X  

RA2L2 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # RA2L2
Description  Renesas Microcontrollers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2L2 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button RA2L2 Datasheet HTML 21Page - Renesas Technology Corp RA2L2 Datasheet HTML 22Page - Renesas Technology Corp RA2L2 Datasheet HTML 23Page - Renesas Technology Corp RA2L2 Datasheet HTML 24Page - Renesas Technology Corp RA2L2 Datasheet HTML 25Page - Renesas Technology Corp RA2L2 Datasheet HTML 26Page - Renesas Technology Corp RA2L2 Datasheet HTML 27Page - Renesas Technology Corp RA2L2 Datasheet HTML 28Page - Renesas Technology Corp RA2L2 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 108 page
background image
Table 2.5
I/O IOH, IOL (4 of 4)
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Parameter
Symbol
Min
Typ
Max
Unit
Test
conditions
Permissible output current
(max value total pins)*2
32 pin products
Total of ports
P010 to P015
ΣIOH (max)
—
—
-24
mA
AVCC0 =
2.7 to 5.5 V
—
—
-6
AVCC0 =
1.8 to 2.7 V
—
—
-3
AVCC0 =
1.6 to 1.8 V
ΣIOL (max)
—
—
48
AVCC0 =
2.7 to 5.5 V
—
—
3.6
AVCC0 =
1.8 to 2.7 V
—
—
1.8
AVCC0 =
1.6 to 1.8 V
Total of ports
P212, P213
ΣIOH (max)
—
—
-8
mA
VCC =
2.7 to 5.5 V
—
—
-2
VCC =
1.8 to 2.7 V
—
—
-1
VCC =
1.6 to 1.8 V
ΣIOL (max)
—
—
16.0
VCC =
2.7 to 5.5 V
—
—
1.2
VCC =
1.8 to 2.7 V
—
—
0.6
VCC =
1.6 to 1.8 V
Total of other
output ports
ΣIOH (max)
—
—
-30
mA
VCC =
4.0 to 5.5 V
—
—
-20
VCC =
2.7 to 4.0 V
—
—
-12
VCC =
1.8 to 2.7 V
—
—
-6
VCC =
1.6 to 1.8 V
ΣIOL (max)
—
—
50
VCC =
4.0 to 5.5 V
—
—
20
VCC =
2.7 to 4.0 V
—
—
8
VCC =
1.8 to 2.7 V
—
—
4
VCC =
1.6 to 1.8 V
Total of all output
pin
ΣIOH (max)
—
—
-54
mA
—
ΣIOL (max)
—
—
98
—
Note 1. Except for Ports P200, P214, and P215, which are input ports.
Note 2. Specification under conditions where the duty factor ≤ 70%.
The output current value that has changed to the duty factor > 70% the duty ratio can be calculated with the following expression
(when changing the duty factor from 70% to n%).
Total output current of pins = (IOH × 0.7)/(n × 0.01)
<Example> Where n = 80% and IOH = −30.0 mA
Total output current of pins = (−30.0 × 0.7)/(80 × 0.01)
≅ −26.2 mA
However, the current that is allowed to flow into one pin does not vary depending on the duty factor.
Caution: To protect the reliability of the MCU, the output current values should not exceed the values in Table 2.5.
RA2L2 Datasheet
2. Electrical Characteristics
R01DS0445EJ0120 Rev.1.20
Jun 9, 2026
Page 25 of 108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com