Electronic Components Datasheet Search
  English  ▼

X  

RA2L2 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # RA2L2
Description  Renesas Microcontrollers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2L2 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button RA2L2 Datasheet HTML 69Page - Renesas Technology Corp RA2L2 Datasheet HTML 70Page - Renesas Technology Corp RA2L2 Datasheet HTML 71Page - Renesas Technology Corp RA2L2 Datasheet HTML 72Page - Renesas Technology Corp RA2L2 Datasheet HTML 73Page - Renesas Technology Corp RA2L2 Datasheet HTML 74Page - Renesas Technology Corp RA2L2 Datasheet HTML 75Page - Renesas Technology Corp RA2L2 Datasheet HTML 76Page - Renesas Technology Corp RA2L2 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 108 page
background image
Observation
point
50 pF
50 pF
USB_DP
USB_DM
27
Figure 2.52
Test circuit in full-speed mode
2.4.2
USBCC Characteristics
Table 2.43
USB Type-C interface characteristics
Conditions: VCC = 3.0 to 3.6 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
SRC voltage detection threshold
VSRC
0.15
0.20
0.25
V
—
SNK VRD-1.5 voltage detection threshold
VVRD15
0.613
—
0.70
V
—
SNK VRD-3.0 voltage detection threshold
VVRD30
1.165
—
1.31
V
—
Rd pull-down resistor
Rd
4.6
5.1
5.6
kΩ
—
Rzopen pull-down resistor
Rzopen
126
—
—
kΩ
—
2.5
ADC12 Characteristics
VREFH0
5.0
4.0
3.0
2.0
1.0
1.0
2.0
3.0
4.0
5.0
A/D Conversion
Characteristics (2)
ADCSR.ADHSC = 0
5.5
2.7
2.4
2.4 2.7
5.5
AVCC0
VREFH0
5.0
4.0
3.0
2.0
1.0
1.0
2.0
3.0
4.0
5.0
ADCSR.ADHSC = 1
5.5
2.7
2.4
2.4 2.7
5.5
AVCC0
1.8
1.8
A/D Conversion
Characteristics (1)
A/D Conversion
Characteristics (3)
A/D Conversion
Characteristics (4)
A/D Conversion
Characteristics (5)
A/D Conversion
Characteristics (6)
A/D Conversion
Characteristics (7)
1.6
1.6
Figure 2.53
AVCC0 to VREFH0 voltage range
Table 2.44
A/D conversion characteristics (1) in high-speed A/D conversion mode (1 of 2)
Conditions: VCC = AVCC0 = VREFH0 = 4.5 to 5.5 V*5, VSS = AVSS0 = VREFL0 = 0 V
Reference voltage range applied to the VREFH0 and VREFL0.
Parameter
Min
Typ
Max
Unit
Test conditions
PCLKD (ADCLK) frequency
1
—
64
MHz
ADACSR.ADSAC = 0
48
MHz
ADACSR.ADSAC = 1
RA2L2 Datasheet
2. Electrical Characteristics
R01DS0445EJ0120 Rev.1.20
Jun 9, 2026
Page 73 of 108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com