Electronic Components Datasheet Search
  English  ▼

X  

RA2L2 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # RA2L2
Description  Renesas Microcontrollers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2L2 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button RA2L2 Datasheet HTML 78Page - Renesas Technology Corp RA2L2 Datasheet HTML 79Page - Renesas Technology Corp RA2L2 Datasheet HTML 80Page - Renesas Technology Corp RA2L2 Datasheet HTML 81Page - Renesas Technology Corp RA2L2 Datasheet HTML 82Page - Renesas Technology Corp RA2L2 Datasheet HTML 83Page - Renesas Technology Corp RA2L2 Datasheet HTML 84Page - Renesas Technology Corp RA2L2 Datasheet HTML 85Page - Renesas Technology Corp RA2L2 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 108 page
background image
Full-scale error
Full-scale error is the difference between the transition point of the ideal last output code and the actual last output code.
2.6
TSN Characteristics
Table 2.53
TSN characteristics
Conditions: VCC = AVCC0 = 1.8 to 5.5 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Relative accuracy
—
—
± 1.5
—
°C
2.4 V or above
—
± 2.0
—
°C
Below 2.4 V
Temperature slope
—
—
-3.3
—
mV/°C
—
Output voltage (at 25°C)
—
—
1.05
—
V
VCC = 3.3 V
Temperature sensor start time
tSTART
—
—
5
µs
—
Sampling time
—
5
—
—
µs
2.7
OSC Stop Detect Characteristics
Table 2.54
Oscillation stop detection circuit characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Detection time
tdr
—
—
1
ms
Figure 2.56
tdr
Main clock
OSTDSR.OSTDF
MOCO clock
ICLK
Figure 2.56
Oscillation stop detection timing
RA2L2 Datasheet
2. Electrical Characteristics
R01DS0445EJ0120 Rev.1.20
Jun 9, 2026
Page 82 of 108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com