Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 144 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 144 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 140Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 141Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 142Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 143Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 144Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 145Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 146Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 148Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 155 page
background image
WM8959
Pre-Production
w
PP, May 2008, Rev 3.1
144
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15:9
00h
Reserved - Do Not Change
8:6
RLI3ROVOL
[2:0]
000b
LIN3 to ROMIX Volume
(See Table 26 for Volume Range)
5:3
RLBROVOL
[2:0]
000b
AINLMUX Output to ROMIX Volume
(See Table 26 for Volume Range)
R50 (32h)
Output Mixers
(6)
2:0
RRBROVOL
[2:0]
000b
AINRMUX Output to ROMIX Volume
(See Table 26 for Volume Range)
15:9
00h
Reserved - Do Not Change
8:7
VSEL
[1:0]
11b
Analogue Bias Optimisation
00 = Reserved
01 = Bias current optimized for AVDD=2.7V
1X = Lowest bias current, optimized for AVDD=3.3V
6
0b
Reserved - Do Not Change
5
LI4O3
0b
LIN4/RXN Pin to OUT3MIX
0 = Mute
1 = Un-mute
4
LPGAO3
0b
LOPGA to OUT3MIX
0 = Mute
1 = Un-mute
3:2
00b
Reserved - Do Not Change
1
RI4O4
0b
RIN4/RXP Pin to OUT4MIX
0 = Mute
1 = Un-mute
R51 (33h)
OUT3 and
OUT4 Mixers
0
RPGAO4
0b
ROPGA to OUT4MIX
0 = Mute
1 = Un-mute
15:7
000h
Reserved - Do Not Change
6
LLOPGALON
0b
LOPGA to LONMIX
0 = Mute
1 = Un-mute
5
LROPGALON
0b
ROPGA to LONMIX
0 = Mute
1 = Un-mute
4
LOPLON
0b
Inverted LOP Output to LONMIX
0 = Mute
1 = Un-mute
3
0b
Reserved - Do Not Change
2
LR12LOP
0b
RIN12 PGA Output to LOPMIX
0 = Mute
1 = Un-mute
1
LL12LOP
0b
LIN12 PGA Output to LOPMIX
0 = Mute
1 = Un-mute
R52 (34h)
Line Output
Mixers (1)
0
LLOPGALOP
0b
LOPGA to LOPMIX
0 = Mute
1 = Un-mute
15:7
000h
Reserved - Do Not Change
6
RROPGARON
0b
ROPGA to RONMIX
0 = Mute
1 = Un-mute
R53 (35h)
Line Output
Mixers (2)
5
RLOPGARON
0b
LOPGA to RONMIX
0 = Mute
1 = Un-mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com