Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 145 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 145 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 141Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 142Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 143Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 144Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 145Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 146Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 149Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 155 page
background image
Pre-Production
WM8959
w
PP, May 2008, Rev 3.1
145
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4
ROPRON
0b
Inverted ROP Output to RONMIX
0 = Mute
1 = Un-mute
3
0b
Reserved - Do Not Change
2
RL12ROP
0b
LIN12 PGA Output to ROPMIX
0 = Mute
1 = Un-mute
1
RR12ROP
0b
RIN12 PGA Output to ROPMIX
0 = Mute
1 = Un-mute
0
RROPGAROP
0b
ROPGA to ROPMIX
0 = Mute
1 = Un-mute
15:8
000h
Reserved - Do Not Change
7
LB2SPK
0b
AINLMUX Output to SPKMIX
0 = Mute
1 = Un-mute
6
RB2SPK
0b
AINRMUX Output to SPKMIX
0 = Mute
1 = Un-mute
5
LI2SPK
0b
LIN2 to SPKMIX
0 = Mute
1 = Un-mute
4
RI2SPK
0b
RIN2 to SPKMIX
0 = Mute
1 = Un-mute
3
LOPGASPK
0b
LOPGA to SPKMIX
0 = Mute
1 = Un-mute
2
ROPGASPK
0b
ROPGA to SPKMIX
0 = Mute
1 = Un-mute
1
LDSPK
0b
Left DAC to SPKMIX
0 = Mute
1 = Un-mute
Note: LDSPK must be muted when LDLO=1
R54 (36h)
Speaker
Output Mixer
0
RDSPK
0b
Right DAC to SPKMIX
0 = Mute
1 = Un-mute
Note: RDSPK must be muted when RDRO=1
15:1
0000h
Reserved - Do Not Change
R55 (37h)
Additional
Control
0
VROI
0b
VREF to Analogue Output Resistance (Disabled Outputs)
0 = 20k
Ω (Headphone) or 10kΩ (Line Out) from buffered
VMID to output
1 = 500
Ω from buffered VMID to output
15:6
000h
Reserved - Do Not Change
5
DIS_LLINE
0b
Discharges LOP and LON outputs via approx 500
Ω resistor
0 = Not active
1 = Actively discharging LOP and LON
R56 (38h)
Anti-Pop (1)
4
DIS_RLINE
0b
Discharges ROP and RON outputs via approx 500
Ω resistor
0 = Not active
1 = Actively discharging ROP and RON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com