Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 142 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 142 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 138Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 139Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 140Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 141Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 142Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 143Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 144Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 145Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 146Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 155 page
background image
WM8959
Pre-Production
w
PP, May 2008, Rev 3.1
142
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:0
LL4BVOL
[2:0]
000b
LIN4/RXN Pin to INMIXL Gain and Mute
000 = Mute
001 = -12dB
010 = -9dB
011 = -6dB
100 = -3dB
101 = 0dB
110 = +3dB
111 = +6dB
15:9
00h
Reserved - Do Not Change
8:6
RI2BVOL
[2:0]
000b
RIN2 Pin to INMIXR Gain and Mute
000 = Mute
001 = -12dB
010 = -9dB
011 = -6dB
100 = -3dB
101 = 0dB
110 = +3dB
111 = +6dB
5:3
RL4BVOL
[2:0]
000b
RXVOICE to AINRMUX Gain and Mute
000 = Mute
001 = -12dB
010 = -9dB
011 = -6dB
100 = -3dB
101 = 0dB
110 = +3dB
111 = +6dB
R44 (2Ch)
Input Mixers
(6)
2:0
RR4BVOL
[2:0]
000b
RIN4/RXP Pin to INMIXR Gain and Mute
000 = Mute
001 = -12dB
010 = -9dB
011 = -6dB
100 = -3dB
101 = 0dB
110 = +3dB
111 = +6dB
15:8
00h
Reserved - Do Not Change
7
LRBLO
0b
AINRMUX Output to LOMIX Mute
0 = Mute
1 = Un-mute
6
LLBLO
0b
AINLMUX Output to LOMIX Mute
0 = Mute
1 = Un-mute
5
LRI3LO
0b
RIN3 to LOMIX Mute
0 = Mute
1 = Un-mute
4
LLI3LO
0b
LIN3 to LOMIX Mute
0 = Mute
1 = Un-mute
R45 (2Dh)
Output Mixers
(1)
3
LR12LO
0b
RIN12 PGA Output to LOMIX Mute
0 = Mute
1 = Un-mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com