Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 138 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 138 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 137Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 138Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 139Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 140Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 141Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 142Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 155 page
background image
WM8959
Pre-Production
w
PP, May 2008, Rev 3.1
138
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7
RI34MUTE
1b
RIN34 PGA Mute
0 = Disable Mute
1 = Enable Mute
6
RI34ZC
0b
RIN34 PGA Zero Cross Detector
0 = Change gain immediately
1 = Change gain on zero cross only
5
0b
Reserved - Do Not Change
4:0
RIN34VOL
[4:0]
01011b
RIN34 Volume
(See Table 6 for PGA volume range)
15:9
00h
Reserved - Do Not Change
8
OPVU[0]
N/A
Output PGA Volume Update
Writing a 1 to this bit will update LOPGA, ROPGA, LOUTVOL
and ROUTVOL volumes simultaneously.
7
LOZC
0b
Left Headphone Output Zero Cross Enable
0 = Zero cross disabled
1 = Zero cross enabled
R28 (1Ch)
Left
Headphone
Output
Volume
6:0
LOUTVOL
[6:0]
00h
(mute)
Left Headphone Output Volume
(See Table 28 for output PGA volume control range)
15:9
00h
Reserved - Do Not Change
8
OPVU[1]
N/A
Output PGA Volume Update
Writing a 1 to this bit will update LOPGA, ROPGA, LOUTVOL
and ROUTVOL volumes simultaneously.
7
ROZC
0b
Right Headphone Output Zero Cross Enable
0 = Zero cross disabled
1 = Zero cross enabled
R29 (1Dh)
Right
Headphone
Output
Volume
6:0
ROUTVOL
[6:0]
00h
(mute)
Right Headphone Output Volume
(See Table 28 for output PGA volume control range)
15:7
000h
Reserved - Do Not Change
6
LONMUTE
1b
LON Line Output Mute
0 = Un-mute
1 = Mute
5
LOPMUTE
1b
LOP Line Output Mute
0 = Un-mute
1 = Mute
4
LOATTN
0b
LOP Attenuation
0 = 0dB
1 = -6dB
3
0b
Reserved - Do Not Change
2
RONMUTE
1b
RON Line Output Mute
0 = Un-mute
1 = Mute
1
ROPMUTE
1b
ROP Line Output Mute
0 = Un-mute
1 = Mute
R30 (1Eh)
Line Output
Volume
0
ROATTN
0b
ROP Attenuation
0 = 0dB
1 = -6dB
15:6
00000000
00b
Reserved - Do Not Change
R31 (1Fh)
OUT3 and
OUT4 Volume
5
OUT3MUTE
1b
OUT3 Mute
0 = Un-mute
1 = Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com