Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 136 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 136 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 137Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 138Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 139Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 140Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 155 page
background image
WM8959
Pre-Production
w
PP, May 2008, Rev 3.1
136
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10
MICSHRT_IRQ_
ENA
0b
MICBIAS short circuit detect IRQ Enable
0 = disabled
1 = enabled
9
MICDET_IRQ_ENA
0b
MICBIAS current detect IRQ Enable
0 = disabled
1 = enabled
8
PLL_LCK_IRQ_ENA
0b
PLL Lock IRQ Enable
0 = disabled
1 = enabled
7
GPI8_DEB_ENA
0b
GPI8 Input De-Bounce
0 = disabled (Not de-bounced)
1 = enabled (Requires MCLK input and TOCLK_ENA=1)
6
GPI8_IRQ_ENA
0b
GPI8 IRQ Enable
0 = disabled
1 = enabled (GPI8 input will generate IRQ)
5
0b
Reserved - Do Not Change
4
GPI8_ENA
0b
GPI8 Input Pin Enable
0 = RIN3/GPI8 pin disabled as GPI8 input
1 = RIN3/GPI8 pin enabled as GPI8 input
3
GPI7_DEB_ENA
0b
GPI7 Input De-Bounce
0 = disabled (Not de-bounced)
1 = enabled (Requires MCLK input and TOCLK_ENA=1)
2
GPI7_IRQ_ENA
0b
GPI7 IRQ Enable
0 = disabled
1 = enabled (GPI7 input will generate IRQ)
1
0b
Reserved - Do Not Change
0
GPI7_ENA
0b
GPI7 Input Pin Enable
0 = LIN3/GPI7 pin disabled as GPI7 input
1 = LIN3/GPI7 pin enabled as GPI7 input
15:13
000b
Reserved - Do Not Change
12
IRQ_INV
(rw)
0b
IRQ Invert
0 = IRQ output active high
1 = IRQ output active low
11
TEMPOK_POL
(rw)
1b
Temperature Sensor polarity
0 = Non-inverted
1 = Inverted
10
MICSHRT_POL
(rw)
0b
MICBIAS short circuit detect polarity
0 = Non-inverted
1 = Inverted
9
MICDET_POL
(rw)
0b
MICBIAS current detect polarity
0 = Non-inverted
1 = Inverted
R23 (17h)
GPIO Control
(2)
8
PLL_LCK_POL
(rw)
0b
PLL Lock Polarity
0 = Non-inverted
1 = Inverted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com