Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 133 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 133 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 137Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 155 page
background image
Pre-Production
WM8959
w
PP, May 2008, Rev 3.1
133
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
DAC_VU
N/A
DAC Volume Update
Writing a 1 to this bit will cause left and right DAC volume to
be updated simultaneously
Right DAC
Digital Volume
7:0
DACR_VOL
[7:0]
1100_
0000b
(0dB)
Right DAC Digital Volume
(See Table 18 for volume settings)
R13 (0Dh)
15:0
0000h
Reserved - Do Not Change
R14 (0Eh)
15:0
0100h
Reserved - Do Not Change
R15 (0Fh)
15:0
0C00h
Reserved - Do Not Change
R16 (10h)
15:0
0C00h
Reserved - Do Not Change
R17 (11h)
15:0
0000h
Reserved - Do Not Change
15:13
0dB
Reserved - Do Not Change
12
IRQ
(ro)
Read Only
IRQ Readback
(Allows polling of IRQ status)
11
TEMPOK
(rr)
Read or
Reset
Temperature OK status
Read-
0 = Device temperature NOT ok
1 = Device temperature ok
Write -
1 = Reset TEMPOK latch
10
MICSHRT
(rr)
Read or
Reset
MICBIAS short status
Read-
0 = MICBIAS ok
1 = MICBIAS shorted
Write-
1 = Reset MICSHRT latch
9
MICDET
(rr)
Read or
Reset
MICBIAS detect status
MICBIAS microphone detect Readback
Read-
0 = No Microphone detected
1 = Microphone detected
Write-
1 = Reset MICDET latch
8
PLL_LCK
(rr)
Read or
Reset
PLL Lock status
Read-
0 = PLL NOT locked
1 = PLL locked
Write-
1 = Reset PLL_LCK latch
R18 (12h)
GPIO Control
(1)
7:0
GPIO_STATUS
[7:0]
(rr)
Read or
Reset
GPIO and GPI Input Pin Status
GPIO_STATUS[7] = GPI8 pin status
GPIO_STATUS[6] = GPI7 pin status
GPIO_STATUS[5] = Reserved
GPIO_STATUS[4] = GPIO5 pin status
GPIO_STATUS[3] = GPIO4 pin status
GPIO_STATUS[2] = GPIO3 pin status
GPIO_STATUS[1] = Reserved
GPIO_STATUS[0] = GPIO1 pin status
15:8
10h
Reserved - Do Not Change
R19 (13h)
GPIO1
7
GPIO1_DEB_ENA
0b
GPIO1 Input De-Bounce
0 = disabled (Not de-bounced)
1 = enabled (Requires MCLK input and TOCLK_ENA=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com