Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 134 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 134 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 137Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 138Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 155 page
background image
WM8959
Pre-Production
w
PP, May 2008, Rev 3.1
134
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6
GPIO1_IRQ_ENA
0b
GPIO1 IRQ Enable
0 = disabled
1 = enabled (GPIO1 input will generate IRQ)
5
GPIO1_PU
0b
GPIO1 Pull-Up Resistor Enable
0 = Pull-up disabled
1 = Pull-up enabled (Approx 150k
Ω)
4
GPIO1_PD
0b
GPIO1 Pull-Down Resistor Enable
0 = Pull-down disabled
1 = Pull-down enabled (Approx 150k
Ω)
3:0
GPIO1_SEL
[3:0]
0000b
GPIO1 Function Select
0000 = Input pin
0001 = Clock output (f=SYSCLK/OPCLKDIV)
0010 = Logic '0'
0011 = Logic '1'
0100 = PLL Lock output
0101 = Temperature OK output
0110 = SDOUT data output
0111 = IRQ output
1000 = MIC Detect
1001 = MIC Short Circuit Detect
1010 to 1111 = Reserved
15
GPIO4_DEB_ENA
0b
GPIO4 Input De-Bounce
0 = disabled (Not de-bounced)
1 = enabled (Requires MCLK input and TOCLK_ENA=1)
14
GPIO4_IRQ_ENA
0b
GPIO4 IRQ Enable
0 = disabled
1 = enabled (GPIO4 input will generate IRQ)
13
GPIO4_PU
0b
GPIO4 Pull-Up Resistor Enable
0 = Pull-up disabled
1 = Pull-up enabled (Approx 150k
Ω)
12
GPIO4_PD
1b
GPIO4 Pull-Down Resistor Enable
0 = Pull-down disabled
1 = Pull-down enabled (Approx 150k
Ω)
11:8
GPIO4_SEL
[3:0]
0000b
GPIO4 Function Select
0000 = Input pin
0001 = Clock output (f=SYSCLK/OPCLKDIV)
0010 = Logic '0'
0011 = Logic '1'
0100 = PLL Lock output
0101 = Temperature OK output
0110 = SDOUT data output
0111 = IRQ output
1000 = MIC Detect
1001 = MIC Short Circuit Detect
1010 to 1111 = Reserved
7
GPIO3_DEB_ENA
0b
GPIO3 Input De-Bounce
0 = disabled (Not de-bounced)
1 = enabled (Requires MCLK input and TOCLK_ENA=1)
6
GPIO3_IRQ_ENA
0b
GPIO3 IRQ Enable
0 = disabled
1 = enabled (GPIO3 input will generate IRQ)
R20 (14h)
GPIO3 and
GPIO4
5
GPIO3_PU
0b
GPIO3 Pull-Up Resistor Enable
0 = Pull-up disabled
1 = Pull-up enabled (Approx 150k
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com