Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 139 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 139 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 137Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 138Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 139Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 140Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 141Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 142Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 143Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 155 page
background image
Pre-Production
WM8959
w
PP, May 2008, Rev 3.1
139
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4
OUT3ATTN
0b
OUT3 Attenuation
0 = 0dB
1 = -6dB
3:2
00b
Reserved
1
OUT4MUTE
1b
OUT4 Mute
0 = Un-mute
1 = Mute
0
OUT4ATTN
0b
OUT4 Attenuation
0 = 0dB
1 = -6dB
15:9
00h
Reserved - Do Not Change
8
OPVU[2]
N/A
Output PGA Volume Update
Writing a 1 to this bit will update LOPGA, ROPGA, LOUTVOL
and ROUTVOL volumes simultaneously.
7
LOPGAZC
0b
LOPGA Zero Cross Enable
0 = Zero cross disabled
1 = Zero cross enabled
R32 (20h)
LOPGA
Volume
6:0
LOPGAVOL
[6:0]
79h
(0dB)
LOPGA Volume
(See Table 28 for output PGA volume control range)
15:9
00h
Reserved - Do Not Change
8
OPVU[3]
N/A
Output PGA Volume Update
Writing a 1 to this bit will update LOPGA, ROPGA, LOUTVOL
and ROUTVOL volumes simultaneously.
7
ROPGAZC
0b
ROPGA Zero Cross Enable
0 = Zero cross disabled
1 = Zero cross enabled
R33 (21h)
ROPGA
Volume
6:0
ROPGAVOL
[6:0]
79h
(0dB)
ROPGA Volume
(See Table 28 for output PGA volume control range)
15:2
0000h
Reserved - Do Not Change
R34 (22h)
Speaker
Volume
1:0
SPKATTN
[1:0]
11b
Speaker Output Attenuation (SPKN and SPKP)
00 = 0dB
01 = -6dB
10 = -12dB
11 = mute
15:9
00h
Reserved - Do Not Change
8
CDMODE
0b
Speaker Class D Mode Enable
0 = Class D mode
1 = Class AB mode
R35 (23h)
Class D (1)
7:0
00000011
b
Reserved - Do Not Change
R36 (24h)
Class D (2)
15:0
0055h
Reserved - Do Not Change
15:6
00000001
00b
Reserved - Do Not Change
R37 (25h)
Class D (3)
5:3
DCGAIN
[2:0]
000b
DC Speaker Boost
000 = 1.00x boost (+0dB)
001 = 1.27x boost (+2.1dB)
010 = 1.40x boost (+2.9dB)
011 = 1.52x boost (+3.6dB)
100 = 1.67x boost (+4.5dB)
101 = 1.8x boost (+5.1dB)
110 to 111 = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com