| Electronic Components Datasheet Search |
|
C164SL Datasheet(PDF) 37 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C164SL Datasheet(HTML) 37 Page - Infineon Technologies AG |
|
37 / 484 page ![]() C164CI/C164SI Derivatives Architectural Overview User’s Manual 2-19 V3.1, 2002-02 Flexible Clock Generation The flexible clock generation system combines a variety of improved mechanisms (partly user controllable) to provide the C164CI modules with clock signals. This is especially important in power sensitive modes such as standby operation. The power optimized oscillator generally reduces the amount of power which is consumed in order to generate the clock signal within the C164CI. The clock system efficiently controls the amount of power which is consumed in order to distribute the clock signal within the C164CI. Slowdown operation is achieved by dividing the oscillator clock by a programmable factor (1 … 32) resulting in a low frequency device operation which significantly reduces the overall power consumption. Flexible Peripheral Management Flexible peripheral management provides a mechanism to enable and disable each peripheral module separately. In each situation (such as several system operating modes, standby, etc.) only those peripherals may be kept running which are required for the specified functionality. All others may be switched off. It also allows the operation control of entire groups of peripherals including the power required for generating and distributing their clock input signal. Other peripherals may remain active: for example, in order to maintain communication channels. The registers of separately disabled peripherals (not within a disabled group) can still be accessed. Periodic Wakeup from Idle or Sleep Mode Periodic wakeup from Idle mode or from Sleep mode combines the drastically reduced power consumption in Idle/Sleep mode (in conjunction with the additional power management features) with a high level of system availability. External signals and events can be scanned (at a lower rate) by periodically activating the CPU and selected peripherals which then return to powersave mode after a short time. This greatly reduces the system’s average power consumption. Idle/Sleep mode can also be terminated by external interrupt signals. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |