Electronic Components Datasheet Search
  English  ▼

X  

C164SL Datasheet(PDF) 62 Page - Infineon Technologies AG

Part # C164SL
Description  16-Bit Single-Chip Microcontroller
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SL Datasheet(HTML) 62 Page - Infineon Technologies AG

Back Button C164SL Datasheet HTML 58Page - Infineon Technologies AG C164SL Datasheet HTML 59Page - Infineon Technologies AG C164SL Datasheet HTML 60Page - Infineon Technologies AG C164SL Datasheet HTML 61Page - Infineon Technologies AG C164SL Datasheet HTML 62Page - Infineon Technologies AG C164SL Datasheet HTML 63Page - Infineon Technologies AG C164SL Datasheet HTML 64Page - Infineon Technologies AG C164SL Datasheet HTML 65Page - Infineon Technologies AG C164SL Datasheet HTML 66Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 484 page
background image
C164CI/C164SI
Derivatives
Central Processing Unit (CPU)
User’s Manual
4-4
V3.1, 2002-02
Sequential Instruction Processing
Each single instruction must pass through each of the four pipeline stages regardless of
whether or not all possible stage operations are actually performed. Because passing
through one pipeline stage takes at least one machine cycle, any isolated instruction
takes at least four machine cycles to be completed. Pipelining, however, allows parallel
(simultaneous) processing of up to four instructions. Thus, most of the instructions seem
to be processed in one machine cycle as soon as the pipeline has been filled once after
reset (see Figure 4-2).
Instruction pipelining increases the average instruction throughput considered over a
certain period of time. In the following, any execution time specification for an instruction
always refers to the average execution time due to pipelined parallel instruction
processing.
Figure 4-2
Sequential Instruction Pipelining
Standard Branch Instruction Processing
Instruction pipelining helps to speed up sequential program processing. If a branch is
taken, the instruction which has already been fetched is most likely not the instruction
which must be decoded next. Thus, at least one additional machine cycle is normally
required to fetch the branch target instruction. This extra machine cycle is provided by
means of an injected instruction (see Figure 4-3).
Figure 4-3
Standard Branch Instruction Pipelining
MCT04327
FETCH
DECODE
EXECUTE
WRITEBACK
I
1
I
2
I
1
I
3
I
2
I
1
I
4
I
3
I
2
I
1
I
5
I
4
I
3
I
2
I
6
I
5
I
4
I
3
1 Machine Cycle
Time
MCT04328
FETCH
DECODE
EXECUTE
WRITEBACK
BRANCH
I
n+2
I
TARGET
(
I
INJECT)
1 Machine Cycle
Time
BRANCH
BRANCH
BRANCH
I
n
I
n
I
n
...
...
...
I
TARGET+1
I
TARGET
(
I
INJECT)
I
TARGET+2
I
TARGET+1
(
I
INJECT)
I
TARGET
I
TARGET+2
I
TARGET+1
I
TARGET
I
TARGET+3
Injection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com