Electronic Components Datasheet Search
  English  ▼

X  

C164SL Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # C164SL
Description  16-Bit Single-Chip Microcontroller
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SL Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button C164SL Datasheet HTML 21Page - Infineon Technologies AG C164SL Datasheet HTML 22Page - Infineon Technologies AG C164SL Datasheet HTML 23Page - Infineon Technologies AG C164SL Datasheet HTML 24Page - Infineon Technologies AG C164SL Datasheet HTML 25Page - Infineon Technologies AG C164SL Datasheet HTML 26Page - Infineon Technologies AG C164SL Datasheet HTML 27Page - Infineon Technologies AG C164SL Datasheet HTML 28Page - Infineon Technologies AG C164SL Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 484 page
background image
C164CI/C164SI
Derivatives
Architectural Overview
User’s Manual
2-7
V3.1, 2002-02
2.1.2
Programmable Multiple Priority Interrupt System
The following enhancements within the C164CI allow processing of a large number of
interrupt sources:
• Peripheral Event Controller (PEC): This processor is used to off-load many interrupt
requests from the CPU. It avoids the overhead of entering and exiting interrupt or trap
routines by performing single-cycle interrupt-driven byte or word data transfers
between any two locations in segment 0 with an optional increment of either the PEC
source or the destination pointer. Only one cycle is ‘stolen’ from the current CPU
activity to perform a PEC service.
• Multiple Priority Interrupt Controller: This controller allows all interrupts to be assigned
any specified priority. Interrupts may also be grouped, which enables the user to
prevent similar priority tasks from interrupting each other. For each of the possible
interrupt sources, there is a separate control register which contains an interrupt
request flag, an interrupt enable flag, and an interrupt priority bitfield. After being
accepted by the CPU, an interrupt service can be interrupted only by a higher
prioritized service request. For standard interrupt processing, each of the possible
interrupt sources has a dedicated vector location.
• Multiple Register Banks: This feature allows the user to specify up to sixteen general
purpose registers located anywhere in the internal RAM. A single one-machine-cycle
instruction allows register banks to switch from one task to another.
• Interruptible Multiple Cycle Instructions: Reduced interrupt latency is provided by
allowing multiple-cycle instructions (multiply, divide) to be interruptible.
The C164CI is capable of reacting very quickly to non-deterministic events because its
interrupt response time is within a very narrow range of only 5 to 10 CPU clock cycles
(in the case of internal program execution). Its fast external interrupt inputs are sampled
every CPU clock cycle and allow even very short external signals to be recognized.
The C164CI also provides an excellent mechanism to identify and process exceptions
or error conditions that arise during run-time, so called ‘Hardware Traps’. A hardware
trap causes an immediate non-maskable system reaction which is similar to a standard
interrupt service (branching to a dedicated vector table location). The occurrence of a
hardware trap is additionally signified by an individual bit in the trap flag register (TFR).
Unless another, higher prioritized, trap service is in progress, a hardware trap will
interrupt any current program execution. In turn, a hardware trap service can normally
not be interrupted by a standard or PEC interrupt.
Software interrupts are supported by means of the ‘TRAP’ instruction in combination with
an individual trap (interrupt) number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com