Electronic Components Datasheet Search
  English  ▼

X  

C164SL Datasheet(PDF) 97 Page - Infineon Technologies AG

Part # C164SL
Description  16-Bit Single-Chip Microcontroller
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SL Datasheet(HTML) 97 Page - Infineon Technologies AG

Back Button C164SL Datasheet HTML 93Page - Infineon Technologies AG C164SL Datasheet HTML 94Page - Infineon Technologies AG C164SL Datasheet HTML 95Page - Infineon Technologies AG C164SL Datasheet HTML 96Page - Infineon Technologies AG C164SL Datasheet HTML 97Page - Infineon Technologies AG C164SL Datasheet HTML 98Page - Infineon Technologies AG C164SL Datasheet HTML 99Page - Infineon Technologies AG C164SL Datasheet HTML 100Page - Infineon Technologies AG C164SL Datasheet HTML 101Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 484 page
background image
C164CI/C164SI
Derivatives
Interrupt and Trap Functions
User’s Manual
5-6
V3.1, 2002-02
The Interrupt Request Flag is set by hardware whenever a service request from its
respective source occurs. It is cleared automatically upon entry into the interrupt service
routine or upon a PEC service. In the case of PEC service, the Interrupt Request flag
remains set if the COUNT field in register PECCx of the selected PEC channel
decrements to zero. This allows a normal CPU interrupt to respond to a completed PEC
block transfer.
Note: Modifying the Interrupt Request flag via software causes the same effects as if it
had been set or cleared by hardware.
The Interrupt Enable Control Bit determines whether the respective interrupt node
takes part in the arbitration cycles (enabled) or not (disabled). The associated request
flag will be set upon a source request in any case. The occurrence of an interrupt request
can so be polled via xxIR even while the node is disabled.
Note: In this case the interrupt request flag xxIR is not cleared automatically but must be
cleared via software.
xxIC
Interrupt Control Register
(E)SFR (yyyyH/zzH)
Reset Value: - - 00H
15
14
13
12
11
10
9876
543210
xxIR xxIE
ILVL
GLVL
-
-
-
-
-
-
-
-
rwh
rw
rw
rw
Bit
Function
GLVL
Group Level
Defines the internal order for simultaneous requests of the same priority.
3:
Highest group priority
0:
Lowest group priority
ILVL
Interrupt Priority Level
Defines the priority level for the arbitration of requests.
FH:
Highest priority level
0H:
Lowest priority level
xxIE
Interrupt Enable Control Bit
(individually enables/disables a specific source)
0:
Interrupt request is disabled
1:
Interrupt Request is enabled
xxIR
Interrupt Request Flag
0:
No request pending
1:
This source has raised an interrupt request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com