Electronic Components Datasheet Search
  English  ▼

X  

C164SL Datasheet(PDF) 56 Page - Infineon Technologies AG

Part # C164SL
Description  16-Bit Single-Chip Microcontroller
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SL Datasheet(HTML) 56 Page - Infineon Technologies AG

Back Button C164SL Datasheet HTML 52Page - Infineon Technologies AG C164SL Datasheet HTML 53Page - Infineon Technologies AG C164SL Datasheet HTML 54Page - Infineon Technologies AG C164SL Datasheet HTML 55Page - Infineon Technologies AG C164SL Datasheet HTML 56Page - Infineon Technologies AG C164SL Datasheet HTML 57Page - Infineon Technologies AG C164SL Datasheet HTML 58Page - Infineon Technologies AG C164SL Datasheet HTML 59Page - Infineon Technologies AG C164SL Datasheet HTML 60Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 484 page
background image
C164CI/C164SI
Derivatives
Memory Organization
User’s Manual
3-18
V3.1, 2002-02
An OTP programming/verify cycle is executed by a sequence of accesses to the
programming interface which emulate the externally controlled cycles (see example
below).
OTP Programming Example
The on-chip OTP memory is programmed in CHM executing the following procedure:
Note: The example below assumes segment 0 (RH3 = 00H).
MOV
R1, #OTP_START
;R1 = OTP pointer
MOV
R2, #DATA_BLOCK
;R2 = Source data pointer
MOV
R3, #0003H
;03H: enable module, cmd. idle
MOV
DPP3:OPCTRL, R3
;Initially enable the OTP module
BSET
VPP_ENABLE
;External progr. voltage ON
CALL
MICROSEC_010
;Let VPP settle for 10
µs
PROG_OTP_WORD:
MOV
DPP3:OPAD, R1
;Select current address
MOV
R0, [R2+]
;Move source data word …
MOV
DPP3:OPDAT, R0
;… to data register
MOV
R3, #0001H
;01H: enable module, WR active
MOV
DPP3:OPCTRL, R3
;Select OTP module for write access
CALL
MICROSEC_100
;Keep the write signal low for 100
µs
MOV
R3, #0003H
;03H: enable module, cmd. idle
MOV
DPP3:OPCTRL, R3
;Trailing edge of write signal
ALT_VERIFY:
;This block only for alternating verify
BCLR
VPP_ENABLE
;External progr. voltage Off
CALL
MICROSEC_010
;Let VPP settle for 10
µs
MOV
R3, #0002H
;02H: enable module, RD active
MOV
DPP3:OPCTRL, R3
;Select OTP module for read access
MOV
R3, #0003H
;03H: enable module, cmd. idle
MOV
DPP3:OPCTRL, R3
;Trailing edge of read signal
CMP
R0, DPP3:OPDAT
;Verify data reg. with original data
JMP
cc_NE, PROG_FAILED
BSET
VPP_ENABLE
;External progr. voltage ON
CALL
MICROSEC_010
;Let VPP settle for 10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com