Electronic Components Datasheet Search
  English  ▼

X  

C164SL Datasheet(PDF) 55 Page - Infineon Technologies AG

Part # C164SL
Description  16-Bit Single-Chip Microcontroller
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SL Datasheet(HTML) 55 Page - Infineon Technologies AG

Back Button C164SL Datasheet HTML 51Page - Infineon Technologies AG C164SL Datasheet HTML 52Page - Infineon Technologies AG C164SL Datasheet HTML 53Page - Infineon Technologies AG C164SL Datasheet HTML 54Page - Infineon Technologies AG C164SL Datasheet HTML 55Page - Infineon Technologies AG C164SL Datasheet HTML 56Page - Infineon Technologies AG C164SL Datasheet HTML 57Page - Infineon Technologies AG C164SL Datasheet HTML 58Page - Infineon Technologies AG C164SL Datasheet HTML 59Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 484 page
background image
C164CI/C164SI
Derivatives
Memory Organization
User’s Manual
3-17
V3.1, 2002-02
3.7.2
OTP Module Addressing
When the OTP module is read in normal mode (via its CPU interface) it appears like a
standard ROM and its lower 32-KByte block within the internal ROM area can also be
mapped to the respective lower half of segment 0 or segment 1:
For segment 0 mapping it uses locations 00’0000H to 00’7FFFH and 01’8000H to
01’FFFFH,
for segment 1 mapping it uses locations 01’0000H to 01’FFFFH.
In programming mode, however, the OTP module is addressed physically via the
external interface or the OTP programming interface. In this case the OTP module
appears as a contiguous block using the (physical) addresses 00’0000H to 00’FFFFH.
Note: When entering a programming mode (EHM or CHM) the on-chip OTP module is
disabled independent from the selection via pin EA. The programming software (in
CHM) must not enable the OTP module’s CPU interface by setting bit ROMEN in
register SYSCON.
OPCTRL
OTP Control Register
XReg (EDC0H)
Reset Value: 0007H
15
14
13
12
11
10
9876
543210
SEGAD
----
RS
CEQ WRQ RDQ
rw
-
-
-
-
rw
rw
rw
rw
Bit
Function
RDQ
Read Signal (active low)
0:
OTP module selected for a verify read access
1:
Read access is completed
WRQ
Write Signal (active low)
0:
OTP module selected for a write access (programming)
1:
Write access is completed
CEQ
OTP Module Enable Signal (active low)
0:
OTP module is selected
1:
OTP module is deselected, no access
RS
Register Select Signal (RSEL)
0:
Access the OTP memory module
1:
Access the control section (read protection control)
SEGAD
Physical Segment Address
Provides the upper (physical) address lines (A23 … A16) to the OTP
memory module (SEGAD must be 00H for the C164CI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com