Electronic Components Datasheet Search
  English  ▼

X  

C164SL Datasheet(PDF) 83 Page - Infineon Technologies AG

Part # C164SL
Description  16-Bit Single-Chip Microcontroller
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SL Datasheet(HTML) 83 Page - Infineon Technologies AG

Back Button C164SL Datasheet HTML 79Page - Infineon Technologies AG C164SL Datasheet HTML 80Page - Infineon Technologies AG C164SL Datasheet HTML 81Page - Infineon Technologies AG C164SL Datasheet HTML 82Page - Infineon Technologies AG C164SL Datasheet HTML 83Page - Infineon Technologies AG C164SL Datasheet HTML 84Page - Infineon Technologies AG C164SL Datasheet HTML 85Page - Infineon Technologies AG C164SL Datasheet HTML 86Page - Infineon Technologies AG C164SL Datasheet HTML 87Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 484 page
background image
C164CI/C164SI
Derivatives
Central Processing Unit (CPU)
User’s Manual
4-25
V3.1, 2002-02
Context Pointer CP
This non-bit addressable register is used to select the current register context. This
means that the CP register value determines the address of the first General Purpose
Register (GPR) within the current register bank of up to 16 wordwide and/or bytewide
GPRs.
Note: It is the user’s responsibility to ensure that the physical GPR address specified via
CP register plus short GPR address is always an internal RAM location. If this
condition is not met, unexpected results may occur.
• Do not set CP below the IRAM start address, i.e. 00’FA00H/00’F600H/00’F200H
(referring to an IRAM size of 1/2/3 KByte)
• Do not set CP above 00’FDFEH
• Be careful using the upper GPRs with CP above 00’FDE0H
The CP register can be updated via any instruction capable of modifying an SFR.
Note: Due to the internal instruction pipeline, a new CP value is not yet usable for GPR
address calculations of the instruction immediately following the instruction which
updated the CP register.
The Switch Context instruction (SCXT) allows saving the content of register CP on the
stack and updating it with a new value in only one machine cycle.
CP
Context Pointer
SFR (FE10H/08H)
Reset Value: FC00H
15
14
13
12
11
10
9876
543210
1111
cp
0
r
r
r
r
rw
r
Bit
Function
cp
Modifiable portion of register CP
Specifies the (word) base address of the current register bank.
When writing a value to register CP with bits CP.11 … CP.9 = ‘000’, bits
CP.11 … CP.10 are set to ‘11’ by hardware. In all other cases, all bits of
the bit field “cp” receive the written value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com