| Electronic Components Datasheet Search |
|
C164SL Datasheet(PDF) 44 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C164SL Datasheet(HTML) 44 Page - Infineon Technologies AG |
|
44 / 484 page ![]() C164CI/C164SI Derivatives Memory Organization User’s Manual 3-6 V3.1, 2002-02 General Purpose Registers The General Purpose Registers (GPRs) use a block of 16 consecutive words within the Internal RAM. The Context Pointer (CP) register determines the base address of the currently active register bank. This register bank may consist of up to 16 Word-GPRs (R0, R1, … R15) and/or of up to 16 Byte-GPRs (RL0, RH0, … RL7, RH7). The sixteen Byte-GPRs are mapped onto the first eight Word-GPRs (see Table 3-2). In contrast to the system stack, a register bank grows from lower towards higher address locations and occupies a maximum space of 32 Bytes. The GPRs are accessed via short 2-, 4-, or 8-bit addressing modes using the Context Pointer (CP) register as base address (independent of the current DPP register contents). Additionally, each bit in the currently active register bank can be accessed individually. The C164CI supports fast register bank (context) switching. Multiple register banks can physically exist within the Internal RAM at the same time. Only the register bank selected by the Context Pointer register (CP) is active at a given time, however. Selecting a new active register bank is done simply by updating the CP register. A particular Switch Context (SCXT) instruction performs register bank switching and automatically saves Table 3-2 Mapping of General Purpose Registers to RAM Addresses Internal RAM Address Byte Registers Word Register <CP> + 1EH – R15 <CP> + 1CH – R14 <CP> + 1AH – R13 <CP> + 18H – R12 <CP> + 16H – R11 <CP> + 14H – R10 <CP> + 12H – R9 <CP> + 10H – R8 <CP> + 0EH RH7 RL7 R7 <CP> + 0CH RH6 RL6 R6 <CP> + 0AH RH5 RL5 R5 <CP> + 08H RH4 RL4 R4 <CP> + 06H RH3 RL3 R3 <CP> + 04H RH2 RL2 R2 <CP> + 02H RH1 RL1 R1 <CP> + 00H RH0 RL0 R0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |