| Electronic Components Datasheet Search |
|
C164SL Datasheet(PDF) 53 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C164SL Datasheet(HTML) 53 Page - Infineon Technologies AG |
|
53 / 484 page ![]() C164CI/C164SI Derivatives Memory Organization User’s Manual 3-15 V3.1, 2002-02 3.7.1 Selecting an OTP Programming Mode Both programming modes can only be enabled via reset configuration. CPU Host Mode (CHM) is enabled after an external reset by pulling low pin P0L.2 in either standard startup mode or in bootstrap loader mode. Pins P0L.5 … 0 here represent 11’1011B (standard) or 10’1011B (BSL). After a single-chip mode reset CHM is automatically enabled without additional control. Note: When CHM is enabled in standard startup mode program execution will always begin out of external memory, disregarding the level on pin EA/ VPP. When CHM is enabled in bootstrap loader mode the programming routine(s) can be loaded via the serial interface. This allows in-system programming of an empty OTP module. External Host Mode (EHM) is enabled by selecting emulation mode (P0L.0 = ‘0’) and also pulling low pin P0L.5. Pins P0L.5 … 0 represent 01’1110B in this case. CPU Host Mode Programming CHM is useful for in-system programming, especially combined with the bootstrap loader mode. CHM programming cycles are controlled via the C164CI’s programming interface which replaces the external bus interface signals. Pin EA/ VPP accepts the external programming voltage during programming cycles (see diagram). The programming interface is realized as an XBUS peripheral and uses the address area 00’EDC0H - 00’EDDFH. The interface is activated only in programming mode and cannot be accessed in all other cases. The OTP module’s interface signals are not externally asserted but rather controlled via three registers: Table 3-3 OTP Programming Interface Registers Register Name Physical Address Description Reset Value OPCTRL EDC0H Control register, provides the control signals and the upper 8 address lines (A23 … A16). 0007H OPAD EDC2H Address register provides the lower 15 address lines of the physical OTP word address (A15 … A1). Note: Address line A0 is not evaluated. 0000H OPDAT EDC4H Data register provides the word to be stored or read from the module. 0000H |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |