Electronic Components Datasheet Search
  English  ▼

X  

C164SL Datasheet(PDF) 52 Page - Infineon Technologies AG

Part # C164SL
Description  16-Bit Single-Chip Microcontroller
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SL Datasheet(HTML) 52 Page - Infineon Technologies AG

Back Button C164SL Datasheet HTML 48Page - Infineon Technologies AG C164SL Datasheet HTML 49Page - Infineon Technologies AG C164SL Datasheet HTML 50Page - Infineon Technologies AG C164SL Datasheet HTML 51Page - Infineon Technologies AG C164SL Datasheet HTML 52Page - Infineon Technologies AG C164SL Datasheet HTML 53Page - Infineon Technologies AG C164SL Datasheet HTML 54Page - Infineon Technologies AG C164SL Datasheet HTML 55Page - Infineon Technologies AG C164SL Datasheet HTML 56Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 484 page
background image
C164CI/C164SI
Derivatives
Memory Organization
User’s Manual
3-14
V3.1, 2002-02
Verify cycles may be executed to ensure correct programming. Programming cycles and
verify cycles may alternate in order to check each word immediately. However, the total
programming time can be reduced by programming blocks of data continuously and then
verifying the blocks (this saves the
VPP settling time).
Note: The programming voltage
VPP must be applied for all programming cycles and
must be removed for all other accesses, i.e. verify cycles and standard read
cycles. The settling time is 10
µs in each case.
In EHM this must be controlled by the external host, in CHM the CPU may control
VPP via an output port line.
Figure 3-6
OTP Verify/Read Cycle
The programming cycles can be controlled in two different ways:
In CPU Host Mode (CHM) the CPU of the C164CI itself controls the programming cycles
via the OTP programming interface. The programming routine must be fetched from
outside the OTP memory (on-chip RAM or external memory).
In External Host Mode (EHM) the C164CI is put into emulation mode where the CPU
and the generic peripherals are disabled. The on-chip OTP memory can be accessed by
an external master via the C164CI’s bus interface. The bus interface signals change
their direction in this mode.
MCT05094
OTP Word Address
ADDR
DATA
RD
50 ns
10 µs
Vpp
EA/Vpp
V
DD
50 ns
15 ns
<
The special signals CE and RSEL must fulfill the same timing requirements as the address lines.
Note: All timings represent minimum values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com