Electronic Components Datasheet Search
  English  ▼

X  

C164SL Datasheet(PDF) 75 Page - Infineon Technologies AG

Part # C164SL
Description  16-Bit Single-Chip Microcontroller
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SL Datasheet(HTML) 75 Page - Infineon Technologies AG

Back Button C164SL Datasheet HTML 71Page - Infineon Technologies AG C164SL Datasheet HTML 72Page - Infineon Technologies AG C164SL Datasheet HTML 73Page - Infineon Technologies AG C164SL Datasheet HTML 74Page - Infineon Technologies AG C164SL Datasheet HTML 75Page - Infineon Technologies AG C164SL Datasheet HTML 76Page - Infineon Technologies AG C164SL Datasheet HTML 77Page - Infineon Technologies AG C164SL Datasheet HTML 78Page - Infineon Technologies AG C164SL Datasheet HTML 79Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 484 page
background image
C164CI/C164SI
Derivatives
Central Processing Unit (CPU)
User’s Manual
4-17
V3.1, 2002-02
register supersedes the condition flag values which are implicitly generated by the CPU.
Explicitly reading the PSW register supplies a read value which represents the state of
the PSW register after execution of the immediately preceding instruction.
Note: After reset, all of the ALU status bits are cleared.
N-Flag: For most of the ALU operations, the N-flag is set to ‘1’, if the most significant bit
of the result contains a ‘1’; otherwise, it is cleared. In the case of integer operations, the
N-flag can be interpreted as the sign bit of the result (negative: N = ‘1’, positive: N = ‘0’).
Negative numbers are always represented as the 2’s complement of the corresponding
positive number. The range of signed numbers extends from ‘-8000H’ to ‘+7FFFH’ for the
word data type, or from ‘-80H’ to ‘+7FH’ for the byte data type. For Boolean bit operations
with only one operand, the N-flag represents the previous state of the specified bit. For
Boolean bit operations with two operands, the N-flag represents the logical XORing of
the two specified bits.
C-Flag: After an addition, the C-flag indicates that a carry from the most significant bit of
the specified word or byte data type has been generated. After a subtraction or a
comparison, the C-flag indicates a borrow which represents the logical negation of a
carry for the addition.
This means that the C-flag is set to ‘1’, if no carry from the most significant bit of the
specified word or byte data type has been generated during a subtraction, which is
performed internally by the ALU as a 2’s complement addition, and, the C-flag is cleared
when this complement addition caused a carry.
The C-flag is always cleared for logical, multiply and divide ALU operations, because
these operations cannot cause a carry.
For shift and rotate operations, the C-flag represents the value of the bit shifted out last.
If a shift count of 0 is specified, the C-flag will be cleared. The C-flag is also cleared for
a prioritize ALU operation, because a ‘1’ is never shifted out of the MSB during the
normalization of an operand.
For Boolean bit operations with only one operand, the C-flag is always cleared. For
Boolean bit operations with two operands, the C-flag represents the logical ANDing of
the two specified bits.
V-Flag: For addition, subtraction, and 2’s complementation, the V-flag is always set to
‘1’ if the result overflows the maximum range of signed numbers which are representable
by either 16 bits for word operations (‘-8000H’ to ‘+7FFFH’), or by 8 bits for byte
operations (‘-80H’ to ‘+7FH’). Otherwise, the V-flag is cleared. Note that the result of an
integer addition, integer subtraction, or 2’s complement is not valid if the V-flag indicates
an arithmetic overflow.
For multiplication and division, the V-flag is set to ‘1’ if the result cannot be represented
in a word data type; otherwise, it is cleared. Note that a division by zero will always cause
an overflow. In contrast to the result of a division, the result of a multiplication is valid
whether or not the V-flag is set to ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com