Electronic Components Datasheet Search
  English  ▼

X  

C164SL Datasheet(PDF) 72 Page - Infineon Technologies AG

Part # C164SL
Description  16-Bit Single-Chip Microcontroller
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SL Datasheet(HTML) 72 Page - Infineon Technologies AG

Back Button C164SL Datasheet HTML 68Page - Infineon Technologies AG C164SL Datasheet HTML 69Page - Infineon Technologies AG C164SL Datasheet HTML 70Page - Infineon Technologies AG C164SL Datasheet HTML 71Page - Infineon Technologies AG C164SL Datasheet HTML 72Page - Infineon Technologies AG C164SL Datasheet HTML 73Page - Infineon Technologies AG C164SL Datasheet HTML 74Page - Infineon Technologies AG C164SL Datasheet HTML 75Page - Infineon Technologies AG C164SL Datasheet HTML 76Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 484 page
background image
C164CI/C164SI
Derivatives
Central Processing Unit (CPU)
User’s Manual
4-14
V3.1, 2002-02
Note: Register SYSCON cannot be changed after execution of the EINIT instruction.
The function of bits VISIBLE, WRCFG, BYTDIS, ROMEN and ROMS1 is
described in more detail in Chapter 9.
CLKEN
System Clock Output Enable (CLKOUT)
0:
CLKOUT disabled: pin may be used for general purpose IO or
for signal FOUT
1:
CLKOUT enabled: pin outputs the system clock signal
BYTDIS
Disable/Enable Control for Pin BHE (Set according to data bus width)
0:
Pin BHE enabled
1:
Pin BHE disabled, pin may be used for general purpose IO
ROMEN
Internal ROM Enable (Set according to pin EA during reset)
0:
Internal program memory disabled,
accesses to the ROM area use the external bus
1:
Internal program memory enabled
SGTDIS
Segmentation Disable/Enable Control
0:
Segmentation enabled
(CSP is saved/restored during interrupt entry/exit)
1:
Segmentation disabled (Only IP is saved/restored)
ROMS1
Internal ROM Mapping
0:
Internal ROM area mapped to segment 0 (00’0000H … 00’7FFFH)
1:
Internal ROM area mapped to segment 1 (01’0000H … 01’7FFFH)
STKSZ
System Stack Size
Selects the size of the system stack (in the internal RAM)
from 32 to 512 words
Bit
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com