Electronic Components Datasheet Search
  English  ▼

X  

C164SL Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # C164SL
Description  16-Bit Single-Chip Microcontroller
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SL Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button C164SL Datasheet HTML 15Page - Infineon Technologies AG C164SL Datasheet HTML 16Page - Infineon Technologies AG C164SL Datasheet HTML 17Page - Infineon Technologies AG C164SL Datasheet HTML 18Page - Infineon Technologies AG C164SL Datasheet HTML 19Page - Infineon Technologies AG C164SL Datasheet HTML 20Page - Infineon Technologies AG C164SL Datasheet HTML 21Page - Infineon Technologies AG C164SL Datasheet HTML 22Page - Infineon Technologies AG C164SL Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 484 page
background image
C164CI/C164SI
Derivatives
Architectural Overview
User’s Manual
2-1
V3.1, 2002-02
2
Architectural Overview
The architecture of the C164CI core combines the advantages of both RISC and CISC
processors in a very well-balanced way. The C164CI integrates this powerful CPU core
with a set of powerful peripheral units into one chip and connects them very efficiently.
This combination of features results in a high performance microcontroller, which is the
right choice not only for today’s applications, but also for future engineering challenges.
One of the four buses used concurrently on the C164CI is the XBUS, an internal
representation of the external bus interface. This bus provides a standardized method
for integrating additional application-specific peripherals into derivatives of the standard
C164CI.
Figure 2-1
C164CI Functional Block Diagram
C166-Core
CPU
Interrupt Bus
XTAL
MCB04323_4ci
Osc / PLL
RTC
WDT
32
16
Interrupt Controller 16-Level
Priority
PEC
GPT1
T2
T3
T4
SSC
BRGen
(SPI)
ASC0
BRGen
(USART)
ADC
10-Bit
8
Channels
CCOM2
T7
T8
CCOM6
T12
T13
EBC
XBUS Control
External Bus
Control
IRAM
Internal
RAM
2 KByte
ProgMem
ROM: 48/64
OTP: 64
KByte
Data
16
16
16
CAN
Rev 2.0B active
Port 0
XRAM
2 KByte
6
16
8
Port 5
Port 3
9
4
Port 8
Peripheral Data Bus
16
16
External Instr. / Data
Data
Instr. / Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com