| Electronic Components Datasheet Search |
|
C164SL Datasheet(PDF) 69 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C164SL Datasheet(HTML) 69 Page - Infineon Technologies AG |
|
69 / 484 page ![]() C164CI/C164SI Derivatives Central Processing Unit (CPU) User’s Manual 4-11 V3.1, 2002-02 4.4 Instruction State Times The time to execute an instruction depends primarily on where the instruction is fetched from, and where the possible operands are read from or written to. The fastest processing mode of the C164CI is execution of a program fetched from the internal code memory. In this case, most of the instructions can be processed within just one machine cycle, which is also the general minimum execution time. All external memory accesses are performed by the C164CI’s on-chip External Bus Controller (EBC), which works in parallel with the CPU. This section provides a very condensed summary of the execution times. A detailed description of the execution times for the various instructions and the specific exceptions can be found in the “C166 Family Instruction Set Manual”. Table 4-1 shows the minimum execution times required to process a C164CI instruction fetched from the internal code memory, the internal RAM, or from external memory. These execution times apply to most of the C164CI instructions - except for some of the branches, the multiplication, the division, and a special move instruction. In case of internal ROM program execution, there is no execution time dependency on the instruction length except for some special branch situations. The numbers in the table are in units of CPU clock cycles and assume no waitstates. Execution from the internal RAM provides flexibility in terms of loadable and modifyable code on the account of execution time. Execution from external memory is heavily dependent on the selected bus mode and the programming of the bus cycles (waitstates). Table 4-1 Minimum Execution Times Instruction Fetch Word Operand Access Memory Area Word Instruction Doubleword Instruction Read from Write to Internal code memory 2 2 2 --- Internal RAM 6 8 0/1 0 16-bit Demux Bus 2 4 2 2 16-bit Mux Bus 3 6 3 3 8-bit Demux Bus 4 8 4 4 8-bit Mux Bus 6 12 6 6 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |