Electronic Components Datasheet Search
  English  ▼

X  

C164SL Datasheet(PDF) 85 Page - Infineon Technologies AG

Part # C164SL
Description  16-Bit Single-Chip Microcontroller
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SL Datasheet(HTML) 85 Page - Infineon Technologies AG

Back Button C164SL Datasheet HTML 81Page - Infineon Technologies AG C164SL Datasheet HTML 82Page - Infineon Technologies AG C164SL Datasheet HTML 83Page - Infineon Technologies AG C164SL Datasheet HTML 84Page - Infineon Technologies AG C164SL Datasheet HTML 85Page - Infineon Technologies AG C164SL Datasheet HTML 86Page - Infineon Technologies AG C164SL Datasheet HTML 87Page - Infineon Technologies AG C164SL Datasheet HTML 88Page - Infineon Technologies AG C164SL Datasheet HTML 89Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 484 page
background image
C164CI/C164SI
Derivatives
Central Processing Unit (CPU)
User’s Manual
4-27
V3.1, 2002-02
Figure 4-8
Implicit CP Use by Short GPR Addressing Modes
Stack Pointer SP
This non-bit addressable register is used to point to the top of the internal system stack
(TOS). The SP register is pre-decremented whenever data is to be pushed onto the
stack, and it is post-incremented whenever data is to be popped from the stack. Thus,
the system stack grows from higher toward lower memory locations.
Because the least significant bit of register SP is tied to ‘0’ and bits 15 through 12 are
tied to ‘1’ by hardware, the SP register can contain values from F000H to FFFEH only.
This allows access to a physical stack within the internal RAM of the C164CI. A virtual
stack (usually bigger) can be implemented via software. This mechanism is supported
by registers STKOV and STKUN (see respective descriptions below).
The SP register can be updated via any instruction, which is capable of modifying an SFR.
Note: Due to the internal instruction pipeline, a POP or RETURN instruction must not
immediately follow an instruction which updated the SP register.
SP
Stack Pointer Register
SFR (FE12H/09H)
Reset Value: FC00H
15
14
13
12
11
10
98765
43210
1111
sp
0
r
r
r
r
rwh
r
Bit
Function
sp
Modifiable portion of register SP
Specifies the top of the internal system stack.
For word GPR
accesses
accesses
For byte GPR
Control
1111
Specified by reg or bitoff
Context
Pointer
+
4-Bit GPR
Address
2
*
MCD02005
Internal
GPRs
RAM
Must be
within the
RAM area
internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com