| Electronic Components Datasheet Search |
|
C164SL Datasheet(PDF) 12 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C164SL Datasheet(HTML) 12 Page - Infineon Technologies AG |
|
12 / 484 page ![]() C164CI/C164SI Derivatives Introduction User’s Manual 1-2 V3.1, 2002-02 About this Manual This manual describes the functionality of a number of 16-bit microcontrollers of the Infineon C166 Family, the C164 group. These microcontrollers provide identical functionality to a large extent, but each device type has specific unique features as indicated here. The descriptions in this manual cover a superset of the provided features and refer to the following derivatives: • C164CI-8R 64 KByte Program ROM, full-function CAPCOM6, CAN module • C164SI-8R 64 KByte Program ROM, full-function CAPCOM6 • C164CL-8R 64 KByte Program ROM, reduced CAPCOM6, CAN module • C164SL-8R 64 KByte Program ROM, reduced CAPCOM6 • C164CI-L No Program memory, full-function CAPCOM6, CAN module • C164CI-8E 64 KByte Program OTP, full-function CAPCOM6, CAN module • C164CL-6R 48 KByte Program ROM, reduced CAPCOM6, CAN module • C164SL-6R 48 KByte Program ROM, reduced CAPCOM6 This manual is valid for these derivatives and describes all variations of the different available temperature ranges and packages. For simplicity, these various device types are referred to by the collective term C164CI throughout this manual. The complete pro-electron conforming designations are listed in the respective data sheets. Some sections of this manual do not refer to all of the C164CI derivatives which are currently available or planned (such as devices with different types of on-chip memory or peripherals). These sections contain respective notes wherever possible. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |