Electronic Components Datasheet Search
  English  ▼

X  

C164SL Datasheet(PDF) 64 Page - Infineon Technologies AG

Part # C164SL
Description  16-Bit Single-Chip Microcontroller
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SL Datasheet(HTML) 64 Page - Infineon Technologies AG

Back Button C164SL Datasheet HTML 60Page - Infineon Technologies AG C164SL Datasheet HTML 61Page - Infineon Technologies AG C164SL Datasheet HTML 62Page - Infineon Technologies AG C164SL Datasheet HTML 63Page - Infineon Technologies AG C164SL Datasheet HTML 64Page - Infineon Technologies AG C164SL Datasheet HTML 65Page - Infineon Technologies AG C164SL Datasheet HTML 66Page - Infineon Technologies AG C164SL Datasheet HTML 67Page - Infineon Technologies AG C164SL Datasheet HTML 68Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 484 page
background image
C164CI/C164SI
Derivatives
Central Processing Unit (CPU)
User’s Manual
4-6
V3.1, 2002-02
4.2
Particular Pipeline Effects
Because up to four different instructions are processed simultaneously, additional
hardware has been used in the C164CI to consider all causal dependencies which may
exist on instructions in different pipeline stages. This functionality is provided without a
loss of performance. This extra hardware (for ‘forwarding’ operand read and write
values) resolves most of the possible conflicts (such as multiple usage of buses) in a
time optimized way; thus, in most cases, the pipeline operates without being noticeable
to the user. However, there are some very rare circumstances in which the C164CI as a
pipelined machine requires attention by the programmer. In these cases, the delays
caused by pipeline conflicts can be used for other instructions in order to optimize
performance.
Context Pointer Updating
An instruction which calculates a physical GPR operand address via the Context Pointer
(CP) register is mostly incapable of using a new CP value, which has been updated by
an immediately preceding instruction. Thus, to ensure that the new CP value is used, at
least one instruction must be inserted between a CP-changing instruction and a
subsequent GPR-using instruction, as shown in the following example:
In
:SCXT CP,#0FC00h
;select a new context
In+1
:…
;must not be an instruction using a GPR
In+2
:MOV
R0,#dataX
;write to GPR 0 in the new context
Data Page Pointer Updating
An instruction which calculates a physical operand address via a particular Data
Page Pointer (DPPn) register (n = 0 to 3), is mostly incapable of using a new DPPn
register value which has been updated by an immediately preceding instruction. Thus,
to ensure that the new DPPn register value is used, at least one instruction must be
inserted between a DPPn-changing instruction and a subsequent instruction which
implicitly uses DPPn via a long or indirect addressing mode, as shown in the following
example:
In
:MOV
DPP0,#4
;select data page 4 via DPP0
In+1
:…
;must not be an instruction using DPP0
In+2
:MOV
DPP0:0000H,R1;move contents of R1 to
;location 01’0000H(in data page 4),
;supposed segment is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com