Electronic Components Datasheet Search
  English  ▼

X  

C164SL Datasheet(PDF) 73 Page - Infineon Technologies AG

Part # C164SL
Description  16-Bit Single-Chip Microcontroller
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SL Datasheet(HTML) 73 Page - Infineon Technologies AG

Back Button C164SL Datasheet HTML 69Page - Infineon Technologies AG C164SL Datasheet HTML 70Page - Infineon Technologies AG C164SL Datasheet HTML 71Page - Infineon Technologies AG C164SL Datasheet HTML 72Page - Infineon Technologies AG C164SL Datasheet HTML 73Page - Infineon Technologies AG C164SL Datasheet HTML 74Page - Infineon Technologies AG C164SL Datasheet HTML 75Page - Infineon Technologies AG C164SL Datasheet HTML 76Page - Infineon Technologies AG C164SL Datasheet HTML 77Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 484 page
background image
C164CI/C164SI
Derivatives
Central Processing Unit (CPU)
User’s Manual
4-15
V3.1, 2002-02
System Clock Output Enable (CLKEN)
The system clock output function is enabled by setting bit CLKEN in register SYSCON
to ‘1’. If enabled, port pin P3.15 takes on its alternate function as CLKOUT output pin.
The clock output is a 50% duty cycle clock (except for direct drive operation where
CLKOUT reflects the clock input signal, and for slowdown operation where CLKOUT
mirrors the CPU clock signal) whose frequency equals the CPU operating frequency
(
fOUT = fCPU).
Note: The output driver of port pin P3.15 is switched on automatically when the CLKOUT
function is enabled. The port direction bit is disregarded.
After reset, the clock output function is disabled (CLKEN = ‘0’).
In emulation mode, the CLKOUT function is enabled automatically.
Segmentation Disable/Enable Control (SGTDIS)
Bit SGTDIS allows selection of either the segmented or non-segmented memory mode.
In non-segmented memory mode (SGTDIS = ‘1’), it is assumed that the code address
space is restricted to 64 KBytes (segment 0); thus, 16 bits are sufficient to represent all
code addresses. For implicit stack operations (CALL or RET), the CSP register is totally
ignored and only the IP is saved to and restored from the stack.
In segmented memory mode (SGTDIS = ‘0’) it is assumed that the entire address
space is available for instructions. For implicit stack operations (CALL or RET) the CSP
register and the IP are saved to and restored from the stack. After reset, the segmented
memory mode is selected.
Note: Bit SGTDIS controls whether the CSP register is pushed onto the system stack in
addition to the IP register before an interrupt service routine is entered, and it is
repopped when the interrupt service routine is left again.
System Stack Size (STKSZ)
This bitfield defines the size of the physical system stack located in the internal RAM of
the C164CI. An area of 32 … 512 words or all of the internal RAM may be dedicated to
the system stack. A so-called “circular stack” mechanism allows use of a bigger virtual
stack than this dedicated RAM area.
These techniques and the encoding of bitfield STKSZ are described in more detail in
Chapter 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com