Electronic Components Datasheet Search
  English  ▼

X  

C164SL Datasheet(PDF) 61 Page - Infineon Technologies AG

Part # C164SL
Description  16-Bit Single-Chip Microcontroller
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SL Datasheet(HTML) 61 Page - Infineon Technologies AG

Back Button C164SL Datasheet HTML 57Page - Infineon Technologies AG C164SL Datasheet HTML 58Page - Infineon Technologies AG C164SL Datasheet HTML 59Page - Infineon Technologies AG C164SL Datasheet HTML 60Page - Infineon Technologies AG C164SL Datasheet HTML 61Page - Infineon Technologies AG C164SL Datasheet HTML 62Page - Infineon Technologies AG C164SL Datasheet HTML 63Page - Infineon Technologies AG C164SL Datasheet HTML 64Page - Infineon Technologies AG C164SL Datasheet HTML 65Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 484 page
background image
C164CI/C164SI
Derivatives
Central Processing Unit (CPU)
User’s Manual
4-3
V3.1, 2002-02
A set of Special Function Registers is dedicated to the functions of the CPU core:
• General System Configuration
: SYSCON (RP0H)
• CPU Status Indication and Control
: PSW
• Code Access Control
: IP, CSP
• Data Paging Control
: DPP0, DPP1, DPP2, DPP3
• GPRs Access Control
: CP
• System Stack Access Control
: SP, STKUN, STKOV
• Multiply and Divide Support
: MDL, MDH, MDC
• ALU Constants Support
: ZEROS, ONES
4.1
Instruction Pipelining
The instruction pipeline of the C164CI partitions instruction processing into four stages,
each of which has a specific task:
1st
→ FETCH: In this stage, the instruction selected by the Instruction Pointer (IP) and
the Code Segment Pointer (CSP) is fetched from either the internal ROM, internal RAM,
or external memory.
2nd
→ DECODE: In this stage, the instructions are decoded and, if required, the operand
addresses are calculated and the respective operands are fetched. For all instructions
which implicitly access the system stack, the SP register is either decremented or
incremented as specified. For branch instructions, the Instruction Pointer and the Code
Segment Pointer are updated with the desired branch target address (provided that the
branch is taken).
3rd
→ EXECUTE: In this stage, an operation is performed on the previously fetched
operands in the ALU. Additionally, the condition flags in the PSW register are updated
as specified by the instruction. Also, all explicit writes to the SFR memory space and all
auto-increment or auto-decrement writes to GPRs used as indirect address pointers are
performed during the execute stage of an instruction.
4th
→ WRITE BACK: In this stage, all external operands and the remaining operands
within the internal RAM space are written back.
A special feature of the C164CI is the use of so-called injected instructions. Injected
instructions are generated internally by the machine to provide the time needed to
process instructions which cannot be processed within one machine cycle. These
instructions are injected automatically into the decode stage of the pipeline and then they
pass through the remaining stages like every standard instruction. Program interrupts
are performed by means of injected instructions, as well. Although these internally
injected instructions will not be noticed in reality, they are introduced here to ease the
explanation of the pipeline in the following sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com