Electronic Components Datasheet Search
  English  ▼

X  

C164SL Datasheet(PDF) 101 Page - Infineon Technologies AG

Part # C164SL
Description  16-Bit Single-Chip Microcontroller
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SL Datasheet(HTML) 101 Page - Infineon Technologies AG

Back Button C164SL Datasheet HTML 97Page - Infineon Technologies AG C164SL Datasheet HTML 98Page - Infineon Technologies AG C164SL Datasheet HTML 99Page - Infineon Technologies AG C164SL Datasheet HTML 100Page - Infineon Technologies AG C164SL Datasheet HTML 101Page - Infineon Technologies AG C164SL Datasheet HTML 102Page - Infineon Technologies AG C164SL Datasheet HTML 103Page - Infineon Technologies AG C164SL Datasheet HTML 104Page - Infineon Technologies AG C164SL Datasheet HTML 105Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 484 page
background image
C164CI/C164SI
Derivatives
Interrupt and Trap Functions
User’s Manual
5-10
V3.1, 2002-02
CPU Priority ILVL defines the current level for the operation of the CPU. This bit field
reflects the priority level of the routine currently executed. Upon entry into an interrupt
service routine, this bit field is updated with the priority level of the request being
serviced. The PSW is saved on the system stack before the request is serviced. The
CPU level determines the minimum interrupt priority level which will be serviced. Any
request on the same or a lower level will not be acknowledged.
The current CPU priority level may be adjusted via software to control which interrupt
request sources will be acknowledged.
PEC transfers do not really interrupt the CPU, but rather “steal” a single cycle, so PEC
services do not influence the ILVL field in the PSW.
Hardware traps switch the CPU level to maximum priority (i.e. 15) so no interrupt or PEC
requests will be acknowledged while an exception trap service routine is executed.
Note: The TRAP instruction does not change the CPU level, so software invoked trap
service routines may be interrupted by higher requests.
Interrupt Enable bit IEN globally enables or disables PEC operation and the
acceptance of interrupts by the CPU. When IEN is cleared, no new interrupt requests
are accepted by the CPU. However, requests already in the pipeline at that time will be
processed. When IEN is set to ‘1’, all interrupt sources, which have been individually
enabled by the interrupt enable bits in their associated control registers, are globally
enabled.
Note: Traps are non-maskable and are, therefore, not affected by the IEN bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com