Electronic Components Datasheet Search
  English  ▼

X  

C164SL Datasheet(PDF) 103 Page - Infineon Technologies AG

Part # C164SL
Description  16-Bit Single-Chip Microcontroller
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SL Datasheet(HTML) 103 Page - Infineon Technologies AG

Back Button C164SL Datasheet HTML 99Page - Infineon Technologies AG C164SL Datasheet HTML 100Page - Infineon Technologies AG C164SL Datasheet HTML 101Page - Infineon Technologies AG C164SL Datasheet HTML 102Page - Infineon Technologies AG C164SL Datasheet HTML 103Page - Infineon Technologies AG C164SL Datasheet HTML 104Page - Infineon Technologies AG C164SL Datasheet HTML 105Page - Infineon Technologies AG C164SL Datasheet HTML 106Page - Infineon Technologies AG C164SL Datasheet HTML 107Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 484 page
background image
C164CI/C164SI
Derivatives
Interrupt and Trap Functions
User’s Manual
5-12
V3.1, 2002-02
Byte/Word Transfer bit BWT controls whether a byte or a word is moved during a PEC
service cycle. This selection controls the transferred data size and the increment step for
the modified pointer.
Increment Control field INC controls, whether one of the PEC pointers is incremented
after the PEC transfer. It is not possible to increment both pointers, however. If the
pointers are not modified (INC = ‘00’), the respective channel will always move data from
the same source to the same destination.
Note: The reserved combination ‘11’ is changed to ‘10’ by hardware. However, it is not
recommended to use this combination.
The PEC Transfer Count Field COUNT controls the action of a respective PEC channel.
The content of bit field COUNT selects the action to be taken at the time the request is
activated. COUNT may allow a specified number of PEC transfers, unlimited transfers,
or no PEC service at all.
Table 5-5 summarizes, how the COUNT field, the interrupt requests flag IR, and the
PEC channel action depend on the previous content of COUNT.
The PEC transfer counter allows service of a specified number of requests by the
respective PEC channel, and then (when COUNT reaches 00H) activation of the
interrupt service routine associated with the priority level. After each PEC transfer, the
COUNT field is decremented and the request flag is cleared to indicate that the request
has been serviced.
Table 5-5
Influence of Bitfield COUNT
Previous
COUNT
Modified
COUNT
IR after
PEC Service
Action of PEC Channel
and Comments
FFH
FFH
‘0’
Move a Byte/Word
Continuous transfer mode, i.e. COUNT is not
modified
FEH … 02H FDH … 01H ‘0’
Move a Byte/Word and decrement COUNT
01H
00H
‘1’
Move a Byte/Word
Leave request flag set, which triggers
another request
00H
00H
(‘1’)
No action!
Activate interrupt service routine rather than
PEC channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com