Electronic Components Datasheet Search
  English  ▼

X  

C164SL Datasheet(PDF) 102 Page - Infineon Technologies AG

Part # C164SL
Description  16-Bit Single-Chip Microcontroller
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SL Datasheet(HTML) 102 Page - Infineon Technologies AG

Back Button C164SL Datasheet HTML 98Page - Infineon Technologies AG C164SL Datasheet HTML 99Page - Infineon Technologies AG C164SL Datasheet HTML 100Page - Infineon Technologies AG C164SL Datasheet HTML 101Page - Infineon Technologies AG C164SL Datasheet HTML 102Page - Infineon Technologies AG C164SL Datasheet HTML 103Page - Infineon Technologies AG C164SL Datasheet HTML 104Page - Infineon Technologies AG C164SL Datasheet HTML 105Page - Infineon Technologies AG C164SL Datasheet HTML 106Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 484 page
background image
C164CI/C164SI
Derivatives
Interrupt and Trap Functions
User’s Manual
5-11
V3.1, 2002-02
5.2
Operation of the PEC Channels
The C164CI’s Peripheral Event Controller (PEC) provides 8 PEC service channels which
move a single byte or word between two locations in segment 0 (data pages 3 … 0). This
is the fastest possible interrupt response, and, in many cases is sufficient to service the
respective peripheral request (for example, serial channels, etc.). Each channel is
controlled by a dedicated PEC Channel Counter/Control register (PECCx) and a pair of
pointers for source (SRCPx) and destination (DSTPx) of the data transfer.
The PECC registers control the action performed by the respective PEC channel.
PECCx
PEC Control Reg.
SFR (FECyH/6zH, see Table 5-4)
Reset Value: 0000H
15
14
13
12
11
10
9876
543210
--
---
INC
BWT
COUNT
--
---
rw
rw
rw
Bit
Function
COUNT
PEC Transfer Count
Counts PEC transfers and influences the channel’s action (see Table 5-5)
BWT
Byte / Word Transfer Selection
0:
Transfer a Word
1:
Transfer a Byte
INC
Increment Control (Modification of SRCPx or DSTPx)
0 0:
Pointers are not modified
0 1:
Increment DSTPx by 1 or 2 (BWT)
1 0:
Increment SRCPx by 1 or 2 (BWT)
1 1:
Reserved. Do not use this combination.
(changed to ‘10’ by hardware)
Table 5-4
PEC Control Register Addresses
Register
Address
Reg. Space
Register
Address
Reg. Space
PECC0
FEC0H / 60H SFR
PECC4
FEC8H / 64H SFR
PECC1
FEC2H / 61H SFR
PECC5
FECAH / 65H SFR
PECC2
FEC4H / 62H SFR
PECC6
FECCH / 66H SFR
PECC3
FEC6H / 63H SFR
PECC7
FECEH / 67H SFR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com