| Electronic Components Datasheet Search |
|
C164SL Datasheet(PDF) 110 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C164SL Datasheet(HTML) 110 Page - Infineon Technologies AG |
|
110 / 484 page ![]() C164CI/C164SI Derivatives Interrupt and Trap Functions User’s Manual 5-19 V3.1, 2002-02 5.5 Interrupt Response Times The interrupt response time defines the time from the setting of an interrupt request flag of an enabled interrupt source to fetching of the first instruction (I1) from the interrupt vector location. The basic interrupt response time for the C164CI is 3 instruction cycles. Figure 5-4 Pipeline Diagram for Interrupt Response Time All instructions in the pipeline including instruction N (during which the interrupt request flag is set) are completed before entering the service routine. Thus, the actual execution time for these instructions (e.g. waitstates) influences the interrupt response time. As shown in Figure 5-4 the respective interrupt request flag is set in cycle 1 (fetching of instruction N). The indicated source wins the prioritization round (during cycle 2). In cycle 3 a TRAP instruction is injected into the decode stage of the pipeline, replacing instruction N+1 and clearing the source’s interrupt request flag to ‘0’. Cycle 4 completes the injected TRAP instruction (save PSW, IP and CSP, if in segmented mode) and fetches the first instruction (I1) from the respective vector location. All instructions that entered the pipeline after setting of the interrupt request flag (N+1, N+2) will be executed after returning from the interrupt service routine. The minimum interrupt response time is 5 states (10 TCL). This requires program execution from the internal code memory, no external operand read requests, and setting the interrupt request flag during the last state of an instruction cycle. When the interrupt request flag is set during the first state of an instruction cycle, the minimum interrupt response time under these conditions is 6 state times (12 TCL). The interrupt response time is increased by all delays of the instructions in the pipeline that are executed before entering the service routine (including N). MCT04332 Pipeline Stage FETCH DECODE EXECUTE WRITEBACK Cycle 1 N N - 1 N - 2 N - 3 Cycle 2 N + 1 N N - 1 N - 2 Cycle 3 N + 2 TRAP (1) N N - 1 Cycle 4 I1 TRAP (2) TRAP N 0 1 IR-Flag Interrupt Response Time |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |